전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19450 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19450
상세설명  AC/DC WLED Driver with External MOSFET Universal High Brightness
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19450 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS19450
Taiwan Semiconductor
Document Number: DS_P0000187
4
Version: B15
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19450CS RLG
SOP-8
2,500
pcs / 13” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.


유사한 부품 번호 - TS19450

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

유사한 설명 - TS19450

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com