전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19460 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19460
상세설명  AC/DC WLED Driver with Average-Mode Constant Current Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19460 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19460_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19460_15 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS19460
Taiwan Semiconductor
Document Number: DS_P0000188
5
Version: D15
FUNCTION BLOCK DIAGRAM
PIN DESCRIPTION
PIN NO.
NAME
FUNCTION
1
VIN
This pin is the input of 8V~450V linear regulator
2
CS
This pin is the current sense pin used to sense the MOSFET current by means
of an external sense resistor.
3
GND
Ground return for all internal circuitry. This pin must be electrically connected
to the ground of the power train.
4
GATE
This pin is the output GATE driver for an external N-CH Power MOSFET
5
PWMD
This is the PWM dimming input of the IC. When this pin is pulled to GND, the
Gate Driver is turned off. When the pin is pulled high, the GATE driver
operates normally.
6
VDD
This is the power supply pin for all internal circuits.
It must be bypassed with a low ESR capacitor to GND (≥0.1µF)
7
LD
This pin is the linear dimming input and sets the current sense threshold as
long as the voltage at the pin is less than 1.5V, The Gate output is disable
when LD voltage <150mV(typ.) and recovery when LD voltage >200mV (typ.)
8
RT
A resistor is connected between RT and GND to program the Gate off-time.


유사한 부품 번호 - TS19460_15

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19460CSRLG TSC-TS19460CSRLG Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

유사한 설명 - TS19460_15

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com