전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847PN-7-F 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 BC847PN-7-F
상세설명  COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847PN-7-F 데이터시트(HTML) 2 Page - Diodes Incorporated

  BC847PN-7-F Datasheet HTML 1Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 2Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 3Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 4Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 5Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC847PN
Document number: DS30278 Rev. 13 - 2
2 of 6
www.diodes.com
November 2013
© Diodes Incorporated
BC847PN
Absolute Maximum Ratings: NPN, BC847B Type (Q1) (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Absolute Maximum Ratings: PNP, BC857B Type (Q2) (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Thermal Characteristics – Total Device (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6) Total Device
PD
200
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Note:
6. For a device mounted on minimum recommended pad layout with 1oz copper that is on a single-sided 1.6mm FR4 PCB; the device is measured
under still air conditions whilst operating in a steady-state.
Thermal Characteristics – Total Device
0
50
100
150
200
250
0
40
80
120
160
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1, Power Derating Curve (Total Device)
A
°


유사한 부품 번호 - BC847PN-7-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC847PN-7-F DIODES-BC847PN-7-F Datasheet
221Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
BC847PN-7-F DIODES-BC847PN-7-F Datasheet
94Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
BC847PN-7-F DIODES-BC847PN-7-F Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
More results

유사한 설명 - BC847PN-7-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT3946 DIODES-MMDT3946_15 Datasheet
265Kb / 8P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
   45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
BCM857BS DIODES-BCM857BS Datasheet
194Kb / 5P
   45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
June 2014 Rev. 1 - 2
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
   40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
   65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BC847PN DIODES-BC847PN_16 Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com