전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB230 데이터시트(PDF) 2 Page - Marktech Corporate

부품명 CB230
상세설명  Generation II LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CB230 데이터시트(HTML) 2 Page - Marktech Corporate

  CB230_15 Datasheet HTML 1Page - Marktech Corporate CB230_15 Datasheet HTML 2Page - Marktech Corporate CB230_15 Datasheet HTML 3Page - Marktech Corporate CB230_15 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright © 2008 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and SuperBlue is a trademark of Cree, Inc.
2
CPR3DM Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
C430CB230-S200
DC Forward Current
15 mA
Peak Forward Current (1/10 duty cycle @ 1kHz)
35 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM)Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E)Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 0 mA
Note 3
Part Number
Forward
Voltage
(V
f, V)
Radiant Flux
(P, mW)
Reverse
Current
[I(Vr=5V), μA]
Peak
Wavelength
(
λ
d, nm)
Dominant
Wavelength
(
λ
d, nm)
Full Width
Half Max
(
λ
D, nm)
Typ.
Max.
Min.
Typ.
Max.
Typ.
Min.
Typ.
Max.
Typ.
C430CB230-S2100
4.0
4.5
0.425
0.80
10
423
461
463
465
59
Mechanical Specifications
C430CB230-S000
Description
Dimension
Tolerance
P-N Junction Area (μm 2)
180 x 180
± 35
Top Area (μm 2)
200 x 200
± 35
Bottom Area (μm 2)
200 x 200
± 35
Chip Thickness (μm)
250
± 25
Au Bond Pad Diameter (μm)
114
± 20
Au Bond Pad Thickness (μm)
1.1
± 0.5
Back Contact Metal Diameter (μm)
114
± 20
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (<5 seconds).
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The ESD classification
of Class II is based on sample testing according to MIL-STD-883E.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics, when assembled
and operated at 10 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by the manufacturer in large quantities and are provided for information only. All
measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an
integrating sphere using Illuminance A.
1.
2.
3.


유사한 부품 번호 - CB230_15

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
CB230WSG-ST CITC-CB230WSG-ST Datasheet
155Kb / 4P
   2A Trench Schottky Rectifier
More results

유사한 설명 - CB230_15

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290_15 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
   Generation II LEDs
MB290 MARKTECH-MB290 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290 Datasheet
356Kb / 4P
   Generation II LEDs
C430CB290-S2100 MARKTECH-C430CB290-S2100 Datasheet
356Kb / 4P
   SuperBlue Generation II LEDs
logo
Cree, Inc
CXXXMB290-SXX00 CREE-CXXXMB290-SXX00 Datasheet
250Kb / 7P
   MegaBright짰 Generation II LEDs
C430CB290-S2100 CREE-C430CB290-S2100_16 Datasheet
280Kb / 4P
   SuperBlue Generation II LEDs
logo
Marktech Corporate
C430CB230-S2100 MARKTECH-C430CB230-S2100 Datasheet
347Kb / 4P
   SuperBlue Generation II LEDs
C460MB290-0221 MARKTECH-C460MB290-0221 Datasheet
279Kb / 7P
   MegaBright Generation II LEDs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com