전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF43168QC30 데이터시트(PDF) 4 Page - LOGIC Devices Incorporated

부품명 LF43168QC30
상세설명  Dual 8-Tap FIR Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LODEV [LOGIC Devices Incorporated]
홈페이지  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF43168QC30 데이터시트(HTML) 4 Page - LOGIC Devices Incorporated

  LF43168QC30 Datasheet HTML 1Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 2Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 3Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 4Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 5Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 6Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 7Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 8Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DEVICES INCORPORATED
LF43168
Dual 8-Tap FIR Filter
4
Video Imaging Products
03/28/2000–LDS.43168-H
ACCEN — Accumulate Enable
When ACCEN is HIGH, both accumu-
lators are enabled for accumulation
and writing to the accumulator output
registers is disabled (the registers hold
their values). When ACCEN goes
LOW, accumulation is halted (by
sending zeros to the accumulator
feedback inputs) and writing to the
accumulator output registers is
enabled. This signal is latched on the
rising edge of CLK.
MUX1-0 — Mux/Adder Control
MUX1-0 controls the Mux/Adder as
shown in Table 3. Data is latched on
the rising edge of CLK.
OEL — Output Enable Low
When OEL is LOW, OUT8-0 is enabled
for output and INB9-1 can not be used.
When OEL is HIGH, OUT8-0 is placed
in a high-impedance state and INB9-1
is available for data input.
OEH — Output Enable High
When OEH is LOW, OUT27-9 is
enabled for output. When OEH is
HIGH, OUT27-9 is placed in a high-
impedance state.
FUNCTIONAL DESCRIPTION
Control Registers
There are two control registers which
determine how the LF43168 is config-
ured. Tables 1 and 2 show how each
register is organized. Data on CIN9-0
is latched into the addressed control
register on the rising edge of WR.
Address data is input on A8-0. Con-
trol Register 0 is written to using
address 000H. Control Register 1 is
written to using address 001H (Note
that addresses 002H to 0FFH are
reserved and should not be written
to). When a control register is written
to, a reset occurs which lasts for 6 CLK
cycles from when WR goes HIGH.
This reset does not alter any data in
the coefficient banks. Control data
can be loaded asynchronously to CLK.
Bits 0-3 of Control Register 0 control
the decimation registers. The decima-
tion factor and decimation register
delay length is set using these bits.
Bit 4 determines if FIR filters A and B
operate separately as two filters or
together as one filter. Bit 5 is used to
select even or odd-symmetric coeffi-
cients. Bits 6 and 7 determine if there
are an even or odd number of taps in
filters A and B respectively. When the
FIR filters are set to operate as two
separate filters, bit 8 selects either
INA9-0 or INB9-0 as the filter B input
source. Bit 9 determines if the coeffi-
cient set used is interleaved or non-
interleaved (see Interleaved Coeffi-
cient Filters section). Most applica-
tions use non-interleaved coefficient
sets (bit 9 set to “0”).
Bits 0 and 1 of Control Register 1
determine the input and coefficient
data formats respectively for filter A.
Bits 2 and 3 determine the input and
coefficient data formats respectively
for filter B. Bit 4 is used to enable or
disable data reversal on the reverse
decimation path. When data reversal
is enabled, the data order is reversed
before being sent to the reverse
decimation path. Bits 5-8 select where
rounding will occur on the output
data (See Mux/Adder section). Bit 9
enables or disables output rounding.
Coefficient Banks
The coefficient banks supply coeffi-
cient data to the multipliers in both
FIR filters. The LF43168 can store 32
different coefficient sets. A coefficient
BITS
FUNCTION
DESCRIPTION
0–3
Decimation Factor/
0000 = No Decimation, Delay by 1
Decimation Register Delay Length 0001 = Decimate by 2, Delay by 2
0010 = Decimate by 3, Delay by 3
0011 = Decimate by 4, Delay by 4
0100 = Decimate by 5, Delay by 5
0101 = Decimate by 6, Delay by 6
0110 = Decimate by 7, Delay by 7
0111 = Decimate by 8, Delay by 8
1000 = Decimate by 9, Delay by 9
1001 = Decimate by 10, Delay by 10
1010 = Decimate by 11, Delay by 11
1011 = Decimate by 12, Delay by 12
1100 = Decimate by 13, Delay by 13
1101 = Decimate by 14, Delay by 14
1110 = Decimate by 15, Delay by 15
1111 = Decimate by 16, Delay by 16
4
Filter Mode Select
0 = Single Filter Mode
1 = Dual Filter Mode
5
Coefficient Symmetry Select
0 = Even-Symmetric Coefficients
1 = Odd-Symmetric Coefficients
6
FIR Filter A: Odd/Even Taps
0 = Odd Number of Filter Taps
1 = Even Number of Filter Taps
7
FIR Filter B: Odd/Even Taps
0 = Odd Number of Filter Taps
1 = Even Number of Filter Taps
8
FIR Filter B Input Source
0 = Input from INA9-0
1 = Input from INB9-0
9
Interleaved/Non-Interleaved
0 = Non-Interleaved Coefficient Sets
Coefficient Sets
1 = Interleaved Coefficient Sets
TABLE 1.
CONTROL REGISTER 0 – ADDRESS 000H


유사한 부품 번호 - LF43168QC30

제조업체부품명데이터시트상세설명
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF43881JC40 LODEV-LF43881JC40 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF43891 LODEV-LF43891 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC33 LODEV-LF43891JC33 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC40 LODEV-LF43891JC40 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
More results

유사한 설명 - LF43168QC30

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
   Dual Channel, Differential Input FIR Filter Platform
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com