전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF43168QC15 데이터시트(PDF) 5 Page - LOGIC Devices Incorporated

부품명 LF43168QC15
상세설명  Dual 8-Tap FIR Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LODEV [LOGIC Devices Incorporated]
홈페이지  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF43168QC15 데이터시트(HTML) 5 Page - LOGIC Devices Incorporated

  LF43168QC15 Datasheet HTML 1Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 2Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 3Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 4Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 5Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 6Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 7Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 8Page - LOGIC Devices Incorporated LF43168QC15 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DEVICES INCORPORATED
Video Imaging Products
5
LF43168
Dual 8-Tap FIR Filter
03/28/2000–LDS.43168-H
set consists of 8 coefficient values.
Each bank can hold 32 10-bit values.
CSEL4-0 is used to select which
coefficient set is sent to the filter
multipliers. The coefficient set fed to
the multipliers may be switched every
CLK cycle if desired.
Data on CIN9-0 is latched into the
addressed coefficient bank on the
rising edge of WR. Address data is
input on A8-0 and is decoded as
follows: A1-0 determines the bank
number (“00”, “01”, “10”, and “11”
correspond to banks 0, 1, 2, and 3
respectively), A2 determines which
filter (“0” = filter A, “1” = filter B), A7-3
determines which set number the
coefficient is in, and A8 must be set to
“1”. For example, an address of
“100111011” will load coefficient set 7
in bank 3 of filter A with data. Coeffi-
cient data can be loaded asynchro-
nously to CLK.
Decimation Registers
The decimation registers are provided
to take advantage of symmetric filter
coefficients and to provide data
storage for 2-D filtering. The outputs
of the registers are fed into the ALUs.
Both inputs to an ALU need to be
multiplied by the same filter coeffi-
cient. By adding or subtracting the
two data inputs together before being
sent to the filter multiplier, the num-
ber of filter taps needed is cut in half.
Therefore, an 8-tap FIR filter can be
made with only four multipliers. The
decimation registers are divided into
two groups, the forward and reverse
decimation registers. As can be seen
in Figure 1, data flows left to right
through the forward decimation
registers and right to left through the
reverse decimation registers. The
decimation registers can be pro-
BITS
FUNCTION
DESCRIPTION
0
FIR Filter A Input Data Format
0 = Unsigned
1 = Two’s Complement
1
FIR Filter A Coefficient Format
0 = Unsigned
1 = Two’s Complement
2
FIR Filter B Input Data Format
0 = Unsigned
1 = Two’s Complement
3
FIR Filter B Coefficient Format
0 = Unsigned
1 = Two’s Complement
4
Data Order Reversal Enable
0 = Enabled
1 = Disabled
5–8
Output Round Position
0000 = 2–10
0001 = 2–9
0010 = 2–8
0011 = 2–7
0100 = 2–6
0101 = 2–5
0110 = 2–4
0111 = 2–3
1000 = 2–2
1001 = 2–1
1010 = 20
1011 = 21
9
Output Round Enable
0 = Enabled
1 = Disabled
TABLE 2.
CONTROL REGISTER 1 – ADDRESS 001H
grammed to decimate by 2 to 16 (see
Decimation section and Table 1).
SHFTEN enables and disables the
shifting of data through the decima-
tion registers. When SHFTEN is LOW,
data on INA9-0 and INB9-0 can be
latched into the device and data can
be shifted through the decimation
registers. When SHFTEN is HIGH,
data on INA9-0 and INB9-0 can not be
latched into the device and data in the
input and decimation registers is held.
Data feedback circuitry is positioned
between the forward and reverse
decimation registers. It controls how
data from the forward decimation
path is fed to the reverse decimation
path. The feedback circuitry can
either reverse the data order or pass
the data unchanged to the reverse
decimation path. The mux/demux
sends incoming data to one of the
LIFOs or the data feedback decimation
register. The LIFOs and decimation
register feed into a mux. This mux
determines if one of the LIFOs or the
decimation register sends data to the
reverse decimation path.
If the data order needs to be reversed
before being sent to the reverse
decimation path (for example, when
decimating), Data Reversal Mode
should be enabled by setting bit 4 of
Control Register 1 to “0”. When Data
Reversal is enabled, data from the
forward decimation path is written
into one of the LIFOs in the data
feedback section while the other LIFO
sends data to the reverse decimation
path. When TXFR goes LOW, the
LIFO sending data to the reverse
decimation path becomes the LIFO
receiving data from the forward
decimation path, and the LIFO
receiving data from the forward
decimation path becomes the LIFO
sending data to the reverse decimation
path. The device must see a HIGH to
LOW transition of TXFR in order to
switch LIFOs. The size of data blocks
sent to the reverse decimation path is
determined by how often TXFR goes
LOW. To send data blocks of size 8 to


유사한 부품 번호 - LF43168QC15

제조업체부품명데이터시트상세설명
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF43881JC40 LODEV-LF43881JC40 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF43891 LODEV-LF43891 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC33 LODEV-LF43891JC33 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC40 LODEV-LF43891JC40 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
More results

유사한 설명 - LF43168QC15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
   Dual Channel, Differential Input FIR Filter Platform
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com