전자부품 데이터시트 검색엔진 |
|
LF48410 데이터시트(PDF) 2 Page - LOGIC Devices Incorporated |
|
LF48410 데이터시트(HTML) 2 Page - LOGIC Devices Incorporated |
2 / 15 page DEVICES INCORPORATED LF48410 1024 x 24-bit Video Histogrammer 2 Video Imaging Products 08/08/2000–LDS.48410-L SIGNAL DEFINITIONS Power VCC and GND +5 V power supply. All pins must be connected. Clock CLK — Master Clock When operating in a synchronous mode, the rising edge of CLK strobes all enabled registers. CLK has no effect when operating in an asynchro- nous mode. Inputs PIN9-0 — Pixel Data Input PIN9-0 provides address information to the memory array in Histogram, Bin Accumulate, and Look Up Table Modes. Data is latched on the rising edge of CLK. DIN23-0 — Data Input In Bin Accumulate Mode, DIN23-0 provides data to the internal summer to be added to data already in the memory array. In Look Up Table Mode, DIN23-0 is used to load the memory array with the desired values. In Delay Memory Mode, the data to be delayed is input to the memory array using DIN23-0, and in Delay and Subtract Mode it also provides data to be subtracted from the delayed data. In all four modes, DIN23-0 is latched on the rising edge of CLK. IOA9-0 — Asynchronous Address Input IOA9-0 provides address information to the memory array in Asynchronous 16 and 24 Modes. FCT2-0 — Function Input FCT2-0 is used to put the LF48410 into one of its eight modes of operation (Table 1). Data is latched on the rising edge of LD. To ensure proper operation of the device, START must be HIGH while changing modes, and there must be at least one rising edge of CLK between the rising edge of LD and the falling edge of START. Inputs/Outputs DIO23-0 — Data Input/Output In all synchronous modes, DIO23-0 is the 24-bit registered data output port. In all asynchronous modes, DIO23-0 is both the data input and data output port for the memory array. Controls START — Device Enable START is used to enable and disable the synchronous modes of operation (except for the Delay Memory and Delay and Subtract Modes). The synchronous mode sections explain how START functions in each mode. START has no effect in asynchronous modes. Data is latched on the rising edge of CLK. START must be held HIGH when changing from one mode to another. To ensure proper opera- tion of the device, there must be at least one rising edge of CLK between the rising edge of LD and the falling edge of START. RD — Read/Output Enable In all synchronous modes, RD is used as an output enable for DIO23-0. When RD is LOW, DIO23-0 is enabled for output. When RD is HIGH, DIO23-0 is placed in a high-impedance state. In all asynchronous modes, RD is used as a read enable for the memory array (see asynchronous mode sections for details). WR — Write Enable In all asynchronous modes, WR is used as a write enable for the memory array (see asynchronous mode sections for details). WR has no effect in the synchronous modes. UWS — Upper Word Select UWS is only used in Asynchronous 16 Mode. If UWS is LOW and a memory write is performed, data on DIO15-0 is written to the lower 16 bits of the addressed 24-bit word. If UWS is LOW and a memory read is per- formed, the lower 16 bits of the addressed 24-bit word will be output on DIO15-0. If UWS is HIGH and a memory write is performed, data on DIO7-0 is written to the upper 8 bits of the addressed 24-bit word. If UWS is HIGH and a memory read is per- formed, the upper 8 bits of the addressed 24-bit word will be output on DIO7-0. FC — Flash Clear When FC is LOW, all memory array locations and data path registers are set to “0”. To ensure that Flash Clear functions properly, FC should not be set LOW until START is HIGH (synchronous modes) or WR is HIGH (asynchronous modes). LD — Function Load Strobe Data present on FCT2-0 is latched into the LF48410 on the rising edge of LD. To ensure proper operation of the device, there must be at least one rising edge of CLK between the rising edge of LD and the falling edge of START. FCT2-0 MODE 0 0 0 Histogram 0 0 1 Histogram Accumulate 0 1 0 Delay and Subtract 0 1 1 Look Up Table 1 0 0 Bin Accumulate 1 0 1 Delay Memory 1 1 0 Asynchronous 24 1 1 1 Asynchronous 16 TABLE 1. LF48410 MODES |
유사한 부품 번호 - LF48410 |
|
유사한 설명 - LF48410 |