전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZL6V8AXV3 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 DZL6V8AXV3
상세설명  DUAL SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZL6V8AXV3 데이터시트(HTML) 1 Page - Diodes Incorporated

  DZL6V8AXV3_15 Datasheet HTML 1Page - Diodes Incorporated DZL6V8AXV3_15 Datasheet HTML 2Page - Diodes Incorporated DZL6V8AXV3_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DZL6V8AXV3
Document number: DS31220 Rev. 6 - 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
DZL6V8AXV3
DUAL SURFACE MOUNT ZENER DIODE
Features
Ultra-Small Surface Mount Package
Lead Free/RoHS Compliant (Note 3)
"Green" Device (Note 4)
ESD Sensitivity Rating
IEC61000-4-2, HBM - 16kV, MM - 400V
Mechanical Data
Case: SOT-523
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Polarity: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.002 grams (approximate)
TOP VIEW
Top View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
220
mW
Thermal Resistance, Junction to Ambient Air
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage
Range (Note 1)
Maximum Zener Impedance
(Note 2)
Maximum Reverse
Current (Note 1)
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
TC (mV/
°C)
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
Ω
mA
Ω
mA
μA
V
Min
Max
DZL6V8AXV3
K96
6.8
6.46
7.14
15
5.0
100
1.0
1.0
4.5
1.2
4.5
Notes:
1. Short duration pulse test used to minimize self-heating.
2. f = 1KHz.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Please click here to visit our online spice models database.


유사한 부품 번호 - DZL6V8AXV3_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DZL6V8AXV3-7 DIODES-DZL6V8AXV3-7 Datasheet
109Kb / 3P
   DUAL SURFACE MOUNT ZENER DIODE
More results

유사한 설명 - DZL6V8AXV3_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DZL6V8AXV3 DIODES-DZL6V8AXV3 Datasheet
109Kb / 3P
   DUAL SURFACE MOUNT ZENER DIODE
GZ23C5V6 DIODES-GZ23C5V6_15 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
GZ23C5V6 DIODES-GZ23C5V6 Datasheet
292Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
DZ23C2V7 TSC-DZ23C2V7 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
logo
Diodes Incorporated
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com