전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4935G 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 1N4935G
상세설명  FAST GPP DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4935G 데이터시트(HTML) 1 Page - Leshan Radio Company

  1N4935G Datasheet HTML 1Page - Leshan Radio Company 1N4935G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
36A–1/2
FAST GPP DIODES
1N4933G
1N4934G
1N4935G
1N4936G
1N4937G
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
Maximum
Reverse
Recovery Time
1.0
Trr
I F = 0.5A, I R = 1.0A, I RR = 0.25A
Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
50
100
200
400
600
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
Trr
ns
1N4933G – 1N4937G
55
30
5.0
1.0
1.2
150
DO – 41
DO – 41
.107(2.7)
DIA
.080(2.0)
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN


유사한 부품 번호 - 1N4935G

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
1N4935G RECTRON-1N4935G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4935G TSC-1N4935G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
1N4935G JGD-1N4935G Datasheet
140Kb / 2P
   1.0 AMP . FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4935G HY-1N4935G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Gulf Semiconductor
1N4935G GULFSEMI-1N4935G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

유사한 설명 - 1N4935G

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
FR101G LRC-FR101G Datasheet
51Kb / 2P
   FAST GPP DIODES
BA157G LRC-BA157G Datasheet
51Kb / 2P
   FAST GPP DIODES
FR151G LRC-FR151G Datasheet
52Kb / 2P
   FAST GPP DIODES
FR301G LRC-FR301G Datasheet
51Kb / 2P
   FAST GPP DIODES
1N4942 LRC-1N4942 Datasheet
54Kb / 2P
   FAST GPP DIODES
1N5391G LRC-1N5391G Datasheet
54Kb / 2P
   1.5A GENERAL PURPOSE GPP DIODES
1B5400G LRC-1B5400G Datasheet
50Kb / 2P
   3A GENERAL PURPOSE GPP DIODES
HER101 LRC-HER101 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
HER201 LRC-HER201 Datasheet
61Kb / 2P
   24 HIGH EFFICIENCY GPP DIODES
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com