전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZSR250-1AE-18D 데이터시트(PDF) 2 Page - ZETTLER Electronics

부품명 AZSR250-1AE-18D
상세설명  50 A (35 A) POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETTLER [ZETTLER Electronics]
홈페이지  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZSR250-1AE-18D 데이터시트(HTML) 2 Page - ZETTLER Electronics

  AZSR250-1AE-18D Datasheet HTML 1Page - ZETTLER Electronics AZSR250-1AE-18D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-03-31
AZSR235/250
COIL SPECIFICATIONS - SPST (1 FORM A)
ORDER NUMBER
Nominal Coil
VDC
Must Operate
VDC
Min. Holding
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10%
AZSR235-1A (35 A)
AZSR250-1A (50 A)
5
3.75
1.7
10.0
50
AZSR235-1AE-5D
AZSR250-1AE-5D
9
6.75
3.1
18.0
170
AZSR235-1AE-9D
AZSR250-1AE-9D
12
9.00
4.0
24.0
300
AZSR235-1AE-12D
AZSR250-1AE-12D
18
13.50
6.5
36.0
675
AZSR235-1AE-18D
AZSR250-1AE-18D
24
18.00
8.0
48.0
1200
AZSR235-1AE-24D
AZSR250-1AE-24D
COIL SPECIFICATIONS - DPST (2 FORM A)
ORDER NUMBER
Nominal Coil
VDC
Must Operate
VDC
Min. Holding
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10%
AZSR235-2A (35 A)
AZSR250-2A (50 A)
5
3.75
2.1
10.0
50
AZSR235-2AE-5D
AZSR250-2AE-5D
9
6.75
3.8
18.0
170
AZSR235-2AE-9D
AZSR250-2AE-9D
12
9.00
5.0
24.0
300
AZSR235-2AE-12D
AZSR250-2AE-12D
18
13.50
7.5
36.0
675
AZSR235-2AE-18D
AZSR250-2AE-18D
24
18.00
10.0
48.0
1200
AZSR235-2AE-24D
AZSR250-2AE-24D
RELAY ORDERING DATA
PC BOARD LAYOUT
WIRING DIAGRAM
5
1
2
3
4
6
Viewed toward terminals
Viewed toward terminals
10.0
7.0 x 2.5 (4x)
14.7
3.5
22.8
3.3 x 1.3 (2x)
Viewed toward terminals
6,5 x 2 (4x)
2,8 x 0,8 (2x)
10.0
3.5
22.8
14.7
8.2
49.2
25.0
40.0
2.0
4.5
*not used on 1 Form A version
*
*
*
*
*not used on 1 Form A version
*not used on 1 Form A version
*
*
*
MECHANICAL DATA
Dimensions in mm. Tolerance: ± .25 mm


유사한 부품 번호 - AZSR250-1AE-18D

제조업체부품명데이터시트상세설명
logo
ZETTLER Electronics
AZSR250-1AE-18D ZETTLER-AZSR250-1AE-18D Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
logo
American Zettler, Inc.
AZSR250-1AE-18D AZETTLER-AZSR250-1AE-18D Datasheet
1Mb / 2P
   50A (35A) MINIATURE POWER RELAY
More results

유사한 설명 - AZSR250-1AE-18D

제조업체부품명데이터시트상세설명
logo
ZETTLER Electronics
AZSR235 ZETTLER-AZSR235 Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
VS-GBPC3512W VISHAY-VS-GBPC3512W Datasheet
885Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 08-Apr-14
VS-36MB10A VISHAY-VS-36MB10A Datasheet
784Kb / 8P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 10-Jul-13
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com