전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847CWT1 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 BC847CWT1
상세설명  General Purpose Transistors(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC847CWT1 데이터시트(HTML) 1 Page - Leshan Radio Company

  BC847CWT1 Datasheet HTML 1Page - Leshan Radio Company BC847CWT1 Datasheet HTML 2Page - Leshan Radio Company BC847CWT1 Datasheet HTML 3Page - Leshan Radio Company BC847CWT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
K4–1/4
1
3
2
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current — Continuous
I C
100
100
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
150
mW
TA = 25°C
Thermal Resistance, Junction to Ambient
R θJA
833
°C/W
Total Device Dissipation
P D
2.4
mW/°C
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
BC846AWT1 = 1A; BC846BWT1 = 1B; BC847AWT1 = 1E; BC847BWT1 = 1F;
BC847CWT1 = 1G; BC848AWT1 = 1J; BC848BWT1 = 1K; BC848CWT1 = 1L
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
BC846 Series
65
(IC = 10 mA)
BC847 Series
V (BR)CEO
45
v
BC848 Series
30
Collector–Emitter Breakdown Voltage
BC846 Series
80
(IC = 10
µA, V
EB = 0)
BC847 Series
V (BR)CES
50
v
BC848 Series
30
Collector–Base Breakdown Voltage
BC846 Series
80
(IC = 10
µA)
BC847 Series
V (BR)CBO
50
v
BC848 Series
30
Emitter–Base Breakdown Voltage
BC846 Series
6.0
(IE = 1.0
µA)
BC847 Series,
V (BR)EBO
6.0
v
BC848 Series
5.0
Collector Cutoff Current (VCB = 30 V)
I CBO
——
15
nA
(VCB = 30 V, TA = 150°C)
5.0
µA
BC846AWT1,BWT1
BC847AWT1,BWT1
CWT1
BC848AWT1,BWT1
CWT1
2
EMITTER
3
COLLECTOR
1
BASE
CASE 419–02, STYLE 3
SOT–323 /SC–70
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–323/SC–70 which is
designed for low power surface mount applications.
1.FR–5=1.0 x 0.75 x 0.062in


유사한 부품 번호 - BC847CWT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC847CWT1 MOTOROLA-BC847CWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
logo
ON Semiconductor
BC847CWT1 ONSEMI-BC847CWT1 Datasheet
147Kb / 6P
   General Purpose Transistors(NPN Silicon)
BC847CWT1G ONSEMI-BC847CWT1G Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
More results

유사한 설명 - BC847CWT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com