전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW69LT1 데이터시트(PDF) 3 Page - Leshan Radio Company

부품명 BCW69LT1
상세설명  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW69LT1 데이터시트(HTML) 3 Page - Leshan Radio Company

  BCW69LT1 Datasheet HTML 1Page - Leshan Radio Company BCW69LT1 Datasheet HTML 2Page - Leshan Radio Company BCW69LT1 Datasheet HTML 3Page - Leshan Radio Company BCW69LT1 Datasheet HTML 4Page - Leshan Radio Company BCW69LT1 Datasheet HTML 5Page - Leshan Radio Company BCW69LT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M13–3/6
Noise Figure is Defined as:
NF = 20 log
10 ( –––––––––––––––)
1/ 2
e
n = Noise Voltage of the Transistor referred to the input. (Figure 3)
I
n
= Noise Current of the Transistor referred to the input. (Figure 4)
K
= Boltzman’s Constant (1.38 x 10 –23 j/°K)
T
= Temperature of the Source Resistance (°K)
R
s = Source Resistance ( Ω )
e
n
2 + 4KTR
S + I n
2 R
S
2
4KTR
S
BCW69LT1 BCW70LT1
TYPICAL NOISE CHARACTERISTICS
(V
CE = – 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 1. Noise Voltage
f, FREQUENCY (Hz)
Figure 2. Noise Current
I
C , COLLECTOR CURRENT (µA)
Figure 3. Narrow Band, 100 Hz
I
C , COLLECTOR CURRENT (µA)
Figure 5. Wideband
I
C , COLLECTOR CURRENT (µA)
Figure 4. Narrow Band, 1.0 kHz
BANDWIDTH = 1.0 Hz
R
S
0
I
C=10 µA
100
µA
30
µA
300
µA
1.0mA
BANDWIDTH = 1.0 Hz
R
S
I
C=1.0mA
300
µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
NOISE FIGURE CONTOURS
(V
CE = – 5.0 Vdc, T A = 25°C)
10
7.0
5.0
3.0
2.0
1.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
0.5 dB
1.0 dB
2.0dB
3.0 dB
1.0dB
2.0 dB
3.0 dB
5.0 dB
0.5dB
1.0dB
2.0dB
3.0 dB
5.0 dB
10 Hz to 15.7KHz
10
µA
0.5 dB
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
5.0 dB
~
~
~
~


유사한 부품 번호 - BCW69LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BCW69LT1 MOTOROLA-BCW69LT1 Datasheet
410Kb / 8P
   General Purpose Transistors
logo
WILLAS ELECTRONIC CORP
BCW69LT1 WILLAS-BCW69LT1 Datasheet
417Kb / 7P
   General Purpose Transistors
logo
ON Semiconductor
BCW69LT1 ONSEMI-BCW69LT1 Datasheet
223Kb / 8P
   General Purpose Transistors
August, 2006 ??Rev. 2
More results

유사한 설명 - BCW69LT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com