전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX70KLT1 데이터시트(PDF) 2 Page - Leshan Radio Company

부품명 BCX70KLT1
상세설명  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCX70KLT1 데이터시트(HTML) 2 Page - Leshan Radio Company

  BCX70KLT1 Datasheet HTML 1Page - Leshan Radio Company BCX70KLT1 Datasheet HTML 2Page - Leshan Radio Company BCX70KLT1 Datasheet HTML 3Page - Leshan Radio Company BCX70KLT1 Datasheet HTML 4Page - Leshan Radio Company BCX70KLT1 Datasheet HTML 5Page - Leshan Radio Company BCX70KLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M16–2/6
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
( IC= 10
µAdc, V
CE = 5.0 Vdc )
BCX70G
––
BCX70J
40
––
BCX70K
100
––
( IC= 2.0 mAdc, VCE = 5.0 Vdc )
BCX70G
120
220
BCX70J
250
460
BCX70K
380
630
( IC= 50 mAdc, VCE = 1.0 Vdc )
BCX70G
60
BCX70J
90
––
BCX70K
100
––
Collector–Emitter Saturation Voltage
V CE(sat)
Vdc
( IC = 50 mAdc, IB = 1.25 mAdc )
0.55
( IC = 10 mAdc, IB = 0.25mAdc )
0.35
Base–Emitter Saturation Voltage
V BE(sat)
Vdc
( IC = 50 mAdc, IB = 1.25 mAdc )
0.7
1.05
( IC = 50 mAdc, IB = 0.25mAdc )
0.6
0.85
Base–Emitter On Voltage
V BE(on)
0.55
0.75
Vdc
( IC = 2.0 mAdc, V CE = 0.5Vdc )
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
125
MHz
(I C = 10mAdc, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance
C obo
4.5
pF
(V CB = 10 Vdc, I C = 0, f = 1.0 MHz)
Small–Signal Current Gain
hFE
(I C = 2.0 mAdc, V CE = 5.0 Vdc, f = 1.0 kHz)
BCX70G
125
250
BCX70J
250
500
BCX70K
350
700
Noise Figure
NF
6.0
dB
(V CE= 5.0 Vdc, I C= 0.2 mAdc, RS = 2.0 k
Ω, f = 1.0 kHz, BW = 200 Hz)
SWITCHING CHARACTERISTICS
Turn–On Time
t on
150
ns
( I C= 10 mAdc; I B1= 1.0 mAdc )
Turn–Off Time
t off
800
ns
( I B2= 1.0 mAdc; V BB =3.6Vdc; R 1 = R 2 = 5.0 k
Ω ; R
L =990
Ω )
BCX70GLT1
BCX70JLT1
BCX70KLT1
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+3.0 V
275
C
S < 4.0 pF*
10 k
+3.0 V
275
C
S < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
– 0.5 V
10 < t
1 < 500 µs
DUTY CYCLE = 2%
+10.9 V
<1.0 ns
<1.0 ns
+10.9 V
t
1
– 9.1 V
0


유사한 부품 번호 - BCX70KLT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BCX70KLT1 MOTOROLA-BCX70KLT1 Datasheet
427Kb / 8P
   General Purpose Transistors
More results

유사한 설명 - BCX70KLT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com