전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBTA63LT1 데이터시트(PDF) 2 Page - Leshan Radio Company

부품명 MMBTA63LT1
상세설명  Darlington Transistors(PNP Silicon)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBTA63LT1 데이터시트(HTML) 2 Page - Leshan Radio Company

  MMBTA63LT1 Datasheet HTML 1Page - Leshan Radio Company MMBTA63LT1 Datasheet HTML 2Page - Leshan Radio Company MMBTA63LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
M30–2/3
MMBTA63LT1 MMBTA64LT1
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain(3)
hFE
––
(I C = –10 mAdc, V CE = –5.0 Vdc)
MMBTA63
5,000
(I C = –10 mAdc, V CE = –5.0 Vdc)
MMBTA64
10,000
(I C = –100mAdc, V CE = –5.0Vdc)
MMBTA63
10,000
(I C = –100mAdc, V CE = –5.0Vdc)
MMBTA64
20,000
Collector–Emitter Saturation Voltage
VCE(sat)
––
–1.5
Vdc
(I C = –100 mAdc, I B = –0.1 mAdc)
Base–Emitter On Voltage
V BE(on)
–2.0
Vdc
(I C = –100mAdc, V CE = –5.0Vdc)
SMALL–SIGNAL CHARACTERISTICS
Current – Gain–Bandwidth Product(4)
f
T
125
MHz
(V CE = –5.0 Vdc, I C = –10mAdc, f = 100 MHz)
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.


유사한 부품 번호 - MMBTA63LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MMBTA63LT1 MOTOROLA-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
131Kb / 4P
   Darlington Transistors
August, 2009 ??Rev. 4
More results

유사한 설명 - MMBTA63LT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com