전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBTA63LT1 데이터시트(PDF) 3 Page - Leshan Radio Company

부품명 MMBTA63LT1
상세설명  Darlington Transistors(PNP Silicon)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBTA63LT1 데이터시트(HTML) 3 Page - Leshan Radio Company

  MMBTA63LT1 Datasheet HTML 1Page - Leshan Radio Company MMBTA63LT1 Datasheet HTML 2Page - Leshan Radio Company MMBTA63LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
M30–3/3
MMBTA63LT1 MMBTA64LT1
T A = 125°C
I C , COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 2. “On” Voltage
I B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I C , COLLECTOR CURRENT (mA)
Figure 4. High Frequency Current Gain
25°C
–55°C
V CE = –2.0 V
–5.0 V
–10 V
T A = 25°C
V BE(on) @ V CE = –5.0 V
V CE(sat) @ I C /I B = 1000
I C /I B = 100
T A = 25°C
I C =
–10 mA –50 mA –100 mA –175 mA
–300 mA
V CE = –5.0 V
f = 100 MHz
T A = 25°C
V BE(sat) @ I C /I B = 100
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
–0.3
–0.5
–0.7
–1.0
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–70
–100
–200
–300
–2.0
–1.6
–1.2
–0.8
–0.4
–0
–0.3–0.5 –1.0
–2.0–3.0 –5.0
–10
–20–30 –50
–100 –200–300
–2.0
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.1 –0.2 –0.5 –1.0 –2.0 –5.0 –10 –20
–50–100 –300 –500 –1k –2k
–5k –10k
10
4.0
3.0
2.0
1.0
0.4
0.2
0.1
–1.0 –2.0
–5.0
–10
–20
–50
–100 –200
–500
–1k


유사한 부품 번호 - MMBTA63LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MMBTA63LT1 MOTOROLA-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
131Kb / 4P
   Darlington Transistors
August, 2009 ??Rev. 4
More results

유사한 설명 - MMBTA63LT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com