전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBTH10LT1 데이터시트(PDF) 3 Page - Leshan Radio Company

부품명 MMBTH10LT1
상세설명  VHF/UHF Transistors(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBTH10LT1 데이터시트(HTML) 3 Page - Leshan Radio Company

  MMBTH10LT1 Datasheet HTML 1Page - Leshan Radio Company MMBTH10LT1 Datasheet HTML 2Page - Leshan Radio Company MMBTH10LT1 Datasheet HTML 3Page - Leshan Radio Company MMBTH10LT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
M33–3/4
MMBTH10LT1
b fb
TYPICAL CHARACTERISTICS
f, FREQUENCY (MHz)
Figure 1. Rectangular Form
g ib (mmhos)
Figure 2. Polar Form
f, FREQUENCY (MHz)
Figure 3. Rectangular Form
g fb (mmhos)
Figure 4. Polar Form
y fb , FORWARD TRANSFER ADMITTANCE
COMMON–BASE y PARAMETERS versus FREQUENCY
(V CB = 10 Vdc, I C = 4.0 mAdc, T A = 25°C)
yib , INPUT ADMITTANCE
–g fb
g ib
–b ib
1000MHz
700
400
200
100
1000MHz
700
400
200
100
600
80
70
60
50
40
30
20
10
0
100
200
300
400
500
700
1000
0
–10
–20
–30
–40
–50
–60
0
10
2030
40
5060
70
80
70
60
50
40
30
20
10
0
–10
–20
–30
100
200
300
400
500
700
1000
60
50
40
30
20
10
70
60
50
40
30
20
10
0
10
20
30


유사한 부품 번호 - MMBTH10LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBTH10LT1 WILLAS-MMBTH10LT1 Datasheet
450Kb / 5P
   VHF/UHF Transistors
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
More results

유사한 설명 - MMBTH10LT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors(NPN Silicon)
1996
MPSH10 ONSEMI-MPSH10_07 Datasheet
82Kb / 3P
   VHF/UHF Transistors NPN Silicon
February, 2007 ??Rev. 3
logo
Zetex Semiconductors
ZUMTQ31A ZETEX-ZUMTQ31A Datasheet
19Kb / 1P
   NPN SILICON PLANAR VHF/UHF TRANSISTORS
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10 Datasheet
179Kb / 2P
   NPN VHF/UHF Transistors
MMBTH10 MCC-MMBTH10_13 Datasheet
211Kb / 2P
   NPN VHF/UHF Transistors
logo
Diodes Incorporated
ZUMTQ31 DIODES-ZUMTQ31 Datasheet
25Kb / 1P
   SOT323 NPN SILICON PLANAR VHF/UHF TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3866 NJSEMI-2N3866 Datasheet
252Kb / 2P
   NPN UHF/VHF POWER TRANSISTORS
logo
List of Unclassifed Man...
2N1693 ETC1-2N1693 Datasheet
245Kb / 3P
   silicon transistors UHF/VHF power transistors
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
   VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com