전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3417 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 2N3417
상세설명  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3417 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  2N3417 Datasheet HTML 1Page - Central Semiconductor Corp 2N3417 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3414
MPS3414
2N3415
MPS3415
2N3416
MPS3416
2N3417
MPS3417
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3414, MPS3414
series devices are silicon NPN transistors, manufactured
by the epitaxial planar process, designed for general
purpose and switching applications.
MARKING: FULL PART NUMBER
TO-92 CASE
2N3414
2N3416
2N3415
2N3417
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
MPS3414
MPS3416
SYMBOL
MPS3415
MPS3417
UNITS
Collector-Base Voltage
VCBO
25
50
V
Collector-Emitter Voltage
VCEO
25
50
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
625
mW
Power Dissipation (TC=25°C)
PD
1.5
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
100
nA
IEBO
VEB=5.0V
100
nA
BVCEO
IC=10mA (3414, 3415)
25
V
BVCEO
IC=10mA (3416, 3417)
50
V
VCE(SAT)
IC=50mA, IB=3.0mA
0.3
V
VBE(SAT)
IC=50mA, IB=3.0mA
0.85
V
hFE
VCE=4.5V, IC=2.0mA (3414, 3416)
75
225
hFE
VCE=4.5V, IC=2.0mA (3415, 3417)
180
540
hfe
VCE=4.5V, IC=2.0mA, f=1.0kHz (3414, 3416)
75
hfe
VCE=4.5V, IC=2.0mA, f=1.0kHz (3415, 3417)
180
R3 (10-September 2013)
www.centr a lsemi.com


유사한 부품 번호 - 2N3417

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N3417 FAIRCHILD-2N3417 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
logo
Micro Electronics
2N3417 MICRO-ELECTRONICS-2N3417 Datasheet
138Kb / 1P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3417 CENTRAL-2N3417 Datasheet
56Kb / 1P
   Small Signal Transistors
2N3417 CENTRAL-2N3417 Datasheet
58Kb / 1P
   NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N3417 FAIRCHILD-2N3417 Datasheet
293Kb / 7P
   NPN General Purpose Amplifier
More results

유사한 설명 - 2N3417

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com