전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLF50241EL 데이터시트(PDF) 8 Page - Marl International Limited

부품명 TLF50241EL
상세설명  2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo MARL - Marl International Limited

TLF50241EL 데이터시트(HTML) 8 Page - Marl International Limited

Back Button TLF50241EL_15 Datasheet HTML 4Page - Marl International Limited TLF50241EL_15 Datasheet HTML 5Page - Marl International Limited TLF50241EL_15 Datasheet HTML 6Page - Marl International Limited TLF50241EL_15 Datasheet HTML 7Page - Marl International Limited TLF50241EL_15 Datasheet HTML 8Page - Marl International Limited TLF50241EL_15 Datasheet HTML 9Page - Marl International Limited TLF50241EL_15 Datasheet HTML 10Page - Marl International Limited TLF50241EL_15 Datasheet HTML 11Page - Marl International Limited TLF50241EL_15 Datasheet HTML 12Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet
8
Rev. 1.0, 2013-06-19
TLF50241EL
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply voltage
V
S
4.75
45
V
4.2.2
Buck inductor
L
BU
3.3
22
µH
4.2.3
Buck capacitor
C
BU1
10
50
µF
4.2.4
Buck capacitor ESR
ESR
BU1
0.015
0.100
Ω
1)
1) See section ““Application Information” on Page 25” for loop compensation requirements and refer to Application Note
for dimensioning the output filter.
4.2.5
Junction temperature
T
j
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to case1)
1) Not subject to production test, specified by design.
R
thJC
–10
K/W
4.3.2
Junction to ambient1) 2)
2) Specified
R
thJA value is according to JEDEC 2s2p (JESD 51-7) + (JESD 51-5) and JEDEC 1s0p (JESD 51-3) + heatsink
area at natural convection on FR4 board.
R
thJA
–47
K/W
2s2p
4.3.3
R
thJA
54
K/W
1s0p + 600 mm2
4.3.4
R
thJA
64
K/W
1s0p + 300 mm2


유사한 부품 번호 - TLF50241EL_15

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLF50241ELV50 INFINEON-TLF50241ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
More results

유사한 설명 - TLF50241EL_15

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
TLF50211EL MARL-TLF50211EL_15 Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
TLF50251EL MARL-TLF50251EL_15 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
IFX90121ELV50 INFINEON-IFX90121ELV50_18 Datasheet
806Kb / 26P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50281EL INFINEON-TLF50281EL Datasheet
1Mb / 36P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.01, 2013-04-30
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com