전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB1N-375V-02 데이터시트(PDF) 1 Page - Roithner LaserTechnik GmbH

부품명 SMB1N-375V-02
상세설명  uv high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-375V-02 데이터시트(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMB1N-375V-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-375V-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-375V-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-375V-02 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
SMB1N-375V-02
v 1.0 08.09.2014
Description
SMB1N-375V-02 is a surface mount AlInGaN High Power LED with a typical peak wavelength of 375 nm
and radiation of 560 mW. It comes in SMD package (PA9T) with silver plated soldering pads (lead free
solderable), copper heat sink, and molded with silicone resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
2200
mW
Forward Current
IF
500
mA
Pulse Forward Current *
1
IFP
700
mA
Reverse Voltage
VF
not designed for reverse operation
V
Thermal Resistance
RTHJA
10
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=500mA
370
375
380
nm
Half Width
∆λ
IF=500mA
18
nm
Forward Voltage
VF
IF=500mA
3.5
4.5
V
VFP
IFP=700mA
3.6
Radiated Power *
1
PO
IF=500mA
560
mW
IFP=700mA
800
Viewing Angle
φ
IF=100mA
20
deg.
Rise Time
tR
IF=500mA
50
ns
Fall Time
tF
IF=500mA
55
ns


유사한 부품 번호 - SMB1N-375V-02

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
SMB1N-365V ROITHNER-SMB1N-365V Datasheet
705Kb / 4P
   uv high power led
SMB1N-365V-02 ROITHNER-SMB1N-365V-02 Datasheet
699Kb / 4P
   uv high power led
SMB1N-395V ROITHNER-SMB1N-395V Datasheet
703Kb / 4P
   uv high power led
SMB1N-395V-02 ROITHNER-SMB1N-395V-02 Datasheet
767Kb / 4P
   uv high power led
More results

유사한 설명 - SMB1N-375V-02

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
VL410-EMITTER ROITHNER-VL410-EMITTER Datasheet
694Kb / 3P
   uv high power led
SMB1N-365V ROITHNER-SMB1N-365V Datasheet
705Kb / 4P
   uv high power led
VL390-5050 ROITHNER-VL390-5050 Datasheet
284Kb / 5P
   High Power UV LED
VL400-5050 ROITHNER-VL400-5050 Datasheet
284Kb / 5P
   High Power UV LED
SMB1N-395V ROITHNER-SMB1N-395V Datasheet
703Kb / 4P
   uv high power led
RLCU-440 ROITHNER-RLCU-440 Datasheet
400Kb / 4P
   High Power UV-LED
RLCU-440-400 ROITHNER-RLCU-440-400 Datasheet
668Kb / 5P
   high power uv led
VL380-5050 ROITHNER-VL380-5050 Datasheet
280Kb / 5P
   High Power UV LED
SMB1N-365V-02 ROITHNER-SMB1N-365V-02 Datasheet
699Kb / 4P
   uv high power led
SMB1N-395V-02 ROITHNER-SMB1N-395V-02 Datasheet
767Kb / 4P
   uv high power led
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com