전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW67C 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 BCW67C
상세설명  SURFACE MOUNT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCW67C 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  BCW67C Datasheet HTML 1Page - Central Semiconductor Corp BCW67C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCW67 SERIES
BCW68 SERIES
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCW67 and BCW68
Series types are PNP Silicon Transistors manufactured
by the epitaxial planar process, epoxy molded in a
surface mount package, designed for general purpose
switching and amplifier applications.
MARKING CODE: SEE MARKING CODE TABLE
ON FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BCW67
BCW68
UNITS
Collector-Base Voltage
VCBO
45
60
V
Collector-Emitter Voltage
VCEO
32
45
V
Emitter-Base Voltage
VEBO
5.0
V
Conitinuous Collector Current
IC
800
mA
Peak Collector Current
ICM
1.0
A
Continuous Base Current
IB
100
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=Rated VCEO
20
nA
ICBO
VCB= Rated VCEO, TA=150°C
20
µA
IEBO
VEB=4.0V
20
nA
BVCBO
IC=10µA (BCW67)
45
V
BVCBO
IC=10µA (BCW68)
60
V
BVCEO
IC=10mA (BCW67)
32
V
BVCEO
IC=10mA (BCW68)
45
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=100mA, IB=10mA
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
0.7
V
VBE(SAT)
IC=100mA, IB=10mA
1.25
V
VBE(SAT)
IC=500mA, IB=50mA
2.0
V
fT
VCE=5.0V, IC=50mA, f=20MHz
200
MHz
Cc
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Ce
VEB=0.5V, IC=0, f=1.0MHz
60
pF
BCW67A
BCW67B
BCW67C
BCW68F
BCW68G
BCW68H
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=100µA
35
50
80
hFE
VCE=1.0V, IC=10mA
75
120
180
hFE
VCE=1.0V, IC=100mA
100
250
160
400
250
630
hFE
VCE=2.0V, IC=500mA
35
60
100
SOT-23 CASE
R2 (20-November 2009)
www.centra lsemi.com


유사한 부품 번호 - BCW67C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCW67C SIEMENS-BCW67C Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW67C DIOTEC-BCW67C Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
logo
Central Semiconductor C...
BCW67C CENTRAL-BCW67C Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

유사한 설명 - BCW67C

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
   PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com