전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM05-0005-TB 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 AM05-0005-TB
상세설명  High Intercept Amplifier, 15 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM05-0005-TB 데이터시트(HTML) 2 Page - Tyco Electronics

  AM05-0005-TB Datasheet HTML 1Page - Tyco Electronics AM05-0005-TB Datasheet HTML 2Page - Tyco Electronics AM05-0005-TB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Intercept Amplifier, 15 - 100 MHz
AM05-0005
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+15 dBm
Vbias
-0.5 to +14.0 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Pin Configuration
Pin #
Function
Pin #
Function
1
RF IN
6
Vbias
2
GND 1
7
GND 2
3
GND
8
RF OUT
4
GND
9
GND
5
GND
10
GND
Recommended Board Layout
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
dB
MAG
ANG
dB
MAG
ANG
MAG
ANG
5
0.1220
-32
13.83
4.92
-173
-22.65
0.07
170
0.1541
40
20
0.0844
-60
14.38
5.24
169
-22.19
0.08
167
0.0734
-44
35
0.0677
-81
14.57
5.36
154
-21.89
0.08
154
0.0558
-67
50
0.0611
-95
14.60
5.37
141
-21.80
0.08
141
0.0542
-68
65
0.0584
-107
14.55
5.34
128
-21.88
0.08
128
0.0647
-67
80
0.0582
-119
14.52
5.32
115
-22.02
0.08
115
0.0799
-72
95
0.0597
-130
14.46
5.29
102
-22.25
0.08
101
0.0938
-82
110
0.0626
-143
14.46
5.29
89
-22.56
0.07
89
0.1014
-92
125
0.0665
-158
14.40
5.25
75
-22.93
0.07
76
0.0984
-102
Frequency
(MHz)


유사한 부품 번호 - AM05-0005-TB

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM05-0005-TB MACOM-AM05-0005-TB Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0005-TB MA-COM-AM05-0005-TB Datasheet
94Kb / 3P
   High Intercept Amplifier 15 - 100 MHz
More results

유사한 설명 - AM05-0005-TB

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM05-0006 MACOM-AM05-0006 Datasheet
242Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0006 MACOM-AM05-0006_1 Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0005 MACOM-AM05-0005_1 Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0005 MA-COM-AM05-0005 Datasheet
94Kb / 3P
   High Intercept Amplifier 15 - 100 MHz
logo
Teledyne Technologies I...
TSA-213242 TELEDYNE-TSA-213242 Datasheet
172Kb / 2P
   100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
logo
Tyco Electronics
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com