전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM05-0006-TB 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 AM05-0006-TB
상세설명  High Intercept Amplifier, 15 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM05-0006-TB 데이터시트(HTML) 1 Page - Tyco Electronics

  AM05-0006-TB Datasheet HTML 1Page - Tyco Electronics AM05-0006-TB Datasheet HTML 2Page - Tyco Electronics AM05-0006-TB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Gain: 10.1 dB Nominal
n
IP3 of +43 dBm Typical
n
Land Grid Array (LGA) Package
n
Compression point of +27 dBm Typical
n
50 ohm impedance
n
Test boards are available
n
Tape and Reel Packaging Available
Description
M/A-COM’s AM05-0006 is a coupler feedback amplifier
with high intercept and compression points. This device is
in a ceramic land grid array package.
This package is
designed for standard surface mount pick and place. Due
to the ceramic package the thermal rise minimized. The
ground plane on the PC board should be configured to
remove heat from under the package.
AM05-0006 is
ideally suited for use where a high intercept commercial
amplifier is required at a low cost.
High Intercept Amplifier,
15 - 100 MHz
LGA-1
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
50 MHz
dB
9.6
10.1
10.6
Gain Flatness
15 - 100 MHz
dB
± 0.2
± 0.4
VSWR
15 - 100 MHz
Ratio
1.4:1
1.8:1
1 dB Compression
Output Power
15 - 100 MHz
dBm
23
27
Output IP2
Two-tone inputs up to +10 dBm
15 - 100 MHz
dBm
55
65
Output IP3
Two-tone inputs up to +10 dBm
15 - 100 MHz
dBm
40
46
Noise Figure
15 - 100 MHz
dB
3.0
5.0
Reverse Transmission
15 - 100 MHz
dB
-14
-13
+V
V
11.4
12.0
12.6
Ibias
1.1W Typical
mA
88
120
V 2.00


유사한 부품 번호 - AM05-0006-TB

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM05-0006-TB MACOM-AM05-0006-TB Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006-TB MA-COM-AM05-0006-TB Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
More results

유사한 설명 - AM05-0006-TB

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM05-0005 MACOM-AM05-0005 Datasheet
241Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0006 MACOM-AM05-0006_1 Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0005 MACOM-AM05-0005_1 Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0005 MA-COM-AM05-0005 Datasheet
94Kb / 3P
   High Intercept Amplifier 15 - 100 MHz
logo
Teledyne Technologies I...
TSA-213242 TELEDYNE-TSA-213242 Datasheet
172Kb / 2P
   100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
logo
Tyco Electronics
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com