전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50-0002TR 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 AM50-0002TR
상세설명  Low Noise Amplifier 1.575 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR 데이터시트(HTML) 1 Page - Tyco Electronics

  AM50-0002TR Datasheet HTML 1Page - Tyco Electronics AM50-0002TR Datasheet HTML 2Page - Tyco Electronics AM50-0002TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V 2.00
Features
Low Noise Figure: 1.15 dB
High Gain: 27 dB
Low Power Consumption: 3 to 5 V, 20 mA
High Dynamic Range
Low Cost SOIC 8 Plastic Package
Description
M/A-COM's AM50-0002 is a high performance GaAs
MMIC low noise amplifier in a low cost SOIC 8-lead sur-
face mount plastic package. The AM50-0002 employs a
monolithic 3-stage self-bias design and a simple external
matching network to obtain minimum noise figure. It can
be biased using 3- or 5-volt supplies.
The AM50-0002 is ideally suited for use where low noise
figure, high gain, high dynamic range and low power
consumption are required. Typical applications include
receiver front ends in the Global Positioning System
(GPS) market, as well as standard gain blocks, buffer
amps, driver amps and IF amps in both fixed and
portable systems.
M/A-COM's AM50-0002 is fabricated using a mature 0.5-
micron gate length GaAs process. The process features
full passivation for increased performance reliability.
Parameter
Units
Min.
Typ.
Max.
Gain
dB
25
27
29
Noise Figure
dB
1.15
1.4
Input VSWR
2.0:1
Output VSWR
1.5:1
Output1 dB Compression
dBm
1
Input IP3
dBm
-14
Reverse Isolation
dB
48
Bias Current
mA
15
20
25
1. See following pages for 3-volt data.
Low Noise Amplifier
1.575 GHz
AM50-0002
Electrical Specifications
1
TA= +25°C, Z0= 50Ω, VDD=+5V, PIN= -35 dBm, f= 1.575 GHz
SO-8
q
q
q
q
q
Part Number
Package
AM50-0002
SOIC 8-Lead Plastic
AM50-0002TR
Forward Tape and Reel*
AM50-0002RTR
Reverse Tape and Reel*
AM50-0002SMB
Designer’s Kit
Ordering Information
* If specific reel size is required, consult factory for part number
assignment.


유사한 부품 번호 - AM50-0002TR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM50-0002TR MACOM-AM50-0002TR Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR MACOM-AM50-0002TR Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
More results

유사한 설명 - AM50-0002TR

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com