전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM52-0001 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 AM52-0001
상세설명  1.2 W High Efficiency Power Amplifier 800 - 960 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM52-0001 데이터시트(HTML) 6 Page - Tyco Electronics

  AM52-0001 Datasheet HTML 1Page - Tyco Electronics AM52-0001 Datasheet HTML 2Page - Tyco Electronics AM52-0001 Datasheet HTML 3Page - Tyco Electronics AM52-0001 Datasheet HTML 4Page - Tyco Electronics AM52-0001 Datasheet HTML 5Page - Tyco Electronics AM52-0001 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1.2 W High Efficiency Power Amplifier
AM52-0001
V1.00
Specifications Subject to Change Without Notice.
6
M/A-COM Inc.
North America: Tel. (800) 366-2266
♦ Asia/Pacific: Tel. +81 3 3226-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3226-8769
Fax +44 (1344) 300 020
Designer’s Kit Biasing Procedure
In order to prevent transients which may damage the MMIC, please adhere to the following procedure.
Turn on all power supplies and set all voltages to 0 volts BEFORE connecting the power supplies to the DC connector.
Apply a -5.0 volt supply to DC connector pin 17 (VG1)
Apply a -5.0 volt supply to DC connector pin 6 (VG2)
Apply a +5.0 volt supply to the DC connector pin 9 (VD1)
Apply a +5.0 volt supply to the DC connector pin 14 (VD2)
Adjust all VGG supplies to -5 volts
Adjust all VDD supplies to +4.8 volts
Adjust VGG = VG1 = VG2 supply for desired VDD quiescent current (typically 150 mA)
To power off, reverse above procedure
1)
Set VD1 & VD2 to 0 volts
2)
Set VG1 & VG2 to 0 volts
3)
Disconnect bias lines from DC connector
4)
Turn off power supplies
Evaluation PCB + RF Connector Losses
Port Reference
Loss (dB)
PA IN
0.1
PA OUT
0.1
The DC connector on the Designer’s Kit PCB allows convenient DC line access. This is accomplished by one or more of the
following methods:
1. A mating female multi-pin connector (Newark Electronics Stock # 46F-4658, not included)
2. Wires soldered to the necessary pins (not included)
3. Clip leads (not included)
4. A combination of clip leads or wires and jumpers (jumpers included as required).


유사한 부품 번호 - AM52-0001

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023SMB MACOM-AM52-0023SMB Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023TR MACOM-AM52-0023TR Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023TR-3000 MACOM-AM52-0023TR-3000 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
More results

유사한 설명 - AM52-0001

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
logo
Stealth Microwave, Inc.
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
   800-960 MHz(4 Watt Ultra Linear Power Amplifier)
logo
Skyworks Solutions Inc.
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
   700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
logo
M/A-COM Technology Solu...
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
   Amplifier, Power, 1.2 W
MAAP-008924 MA-COM-MAAP-008924 Datasheet
177Kb / 4P
   Amplifier, Power, 1.2 W
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
   RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
logo
Tyco Electronics
PA1186 MACOM-PA1186 Datasheet
74Kb / 2P
   800-960 MHz. 6 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com