전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM52-0001SMB 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 AM52-0001SMB
상세설명  1.2 W High Efficiency Power Amplifier 800 - 960 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM52-0001SMB 데이터시트(HTML) 1 Page - Tyco Electronics

  AM52-0001SMB Datasheet HTML 1Page - Tyco Electronics AM52-0001SMB Datasheet HTML 2Page - Tyco Electronics AM52-0001SMB Datasheet HTML 3Page - Tyco Electronics AM52-0001SMB Datasheet HTML 4Page - Tyco Electronics AM52-0001SMB Datasheet HTML 5Page - Tyco Electronics AM52-0001SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications Subject to Change Without Notice.
M/A-COM Inc.
1
North America:
Tel. (800) 366-2266
Asia/Pacific: Tel. +81 3 3226-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3226-8769
Fax +44 (1344) 300 020
Preliminary Release
1.2 W High Efficiency Power Amplifier
800 - 960 MHz
AM52-0001
V1.00
Features
SOIC-8 Thermally Efficient Plastic Package
+30.8 dBm Typical Power Out
Greater than 50% Typical Power Added Efficiency
21 dB typical Power Gain
Flexible External Output Matching
Description
M/A-COM’s AM52-0001 is a GaAs power amplifier in a thermally
efficient low cost SOIC-8 plastic package. The AM52-0001 is
designed for high efficiency 1.2 W output power and 21 dB of
associated gain in the 800-960 MHz frequency band.
The
AM52-0001 is unconditionally stable in both small and large signal
operation. It features flexible biasing for improved dynamic range
and off-chip matching for improved efficiency and flexibility.
The AM52-0001 is specifically designed for high efficiency final
output power amplification in FM, GFSK and FSK type systems,
such as AMPS, ETACS, NTACS, CT1, CDPD and ISM.
M/A-COM's AM52-0001 is fabricated using a mature 0.5 micron
gate length GaAs MESFET power process. The process features
full passivation for increased performance and reliability. The
AM52-0001 can be used with standard automated SMT assembly
equipment (See M/A-COM application note M558).
SOIC-8P
.004 (.10)
.050 (1.27)
MS
M
B
A
C
.010 (.25)
-A-
-C-
-B-
.010(.25)
B
CHAMFER
.1497/.1574
(3.80/4.00)
.2284/.2440
(5.80/6.20)
.1890/.1968
(4.80/5.00)
.013/.020 (8 PL)
(.33/.51)
.0532/.0688
(1.35/1.75)
MM
Ordering Information
Part Number
Package
AM52-0001
SOIC-8 Lead Plastic
AM52-0001TR
Forward Tape and Reel *
AM52-0001SMB
Designer’s Kit
* If specific reel size is required, consult factory for part number
assignment.
Electrical Specifications: V
D1 = VD2 = 4.8V
±± 5%, T
A = +25
°°C, Freq. = 824-849 MHz, V
GG = VG2 = VG1 adjusted for 150 mA quiescent
drain Current.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
Pin
≤ -20 dBm
dB
29
Output Power
Pin = 10 dBm
dBm
30.8
Power Gain
dB
21
Power Added Efficiency
%
55
Second Harmonic
dBc
-30
Third Harmonic
dBc
-50
Noise Power1
dBm
-92
Stability2
VSWR
10:1
Load Mismatch3
VSWR
10:1
Gate Current
mA
5
Adjustable Power Control (APC)
VD1 = 0
→ 4.8V VD2 = 4.8 V
dB
27
1. Noise power (30 KHz RBW), 45 MHz above TX Freq range, measured under rated output power conditions.
2. Parasitic Oscillation defined as any spurious output less than 60 dBc with respect to desired signal level. Measured with nominal Pin and an output
VSWR of 10:1 any phase, VDD = 4.8 V.
3. No permanent degradation with nominal Pin and an output VSWR of 10:1 at any phase (360
° rotation in 10 sec.) with V
DD up to 6V. .


유사한 부품 번호 - AM52-0001SMB

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023SMB MACOM-AM52-0023SMB Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023TR MACOM-AM52-0023TR Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023TR-3000 MACOM-AM52-0023TR-3000 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
More results

유사한 설명 - AM52-0001SMB

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
logo
Stealth Microwave, Inc.
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
   800-960 MHz(4 Watt Ultra Linear Power Amplifier)
logo
Skyworks Solutions Inc.
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
   700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
logo
M/A-COM Technology Solu...
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
   Amplifier, Power, 1.2 W
MAAP-008924 MA-COM-MAAP-008924 Datasheet
177Kb / 4P
   Amplifier, Power, 1.2 W
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
   RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
logo
Tyco Electronics
PA1186 MACOM-PA1186 Datasheet
74Kb / 2P
   800-960 MHz. 6 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com