전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD1HC500HFN-C 데이터시트(PDF) 3 Page - Rohm

부품명 BD1HC500HFN-C
상세설명  1ch High-side switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD1HC500HFN-C 데이터시트(HTML) 3 Page - Rohm

  BD1HC500HFN-C Datasheet HTML 1Page - Rohm BD1HC500HFN-C Datasheet HTML 2Page - Rohm BD1HC500HFN-C Datasheet HTML 3Page - Rohm BD1HC500HFN-C Datasheet HTML 4Page - Rohm BD1HC500HFN-C Datasheet HTML 5Page - Rohm BD1HC500HFN-C Datasheet HTML 6Page - Rohm BD1HC500HFN-C Datasheet HTML 7Page - Rohm BD1HC500HFN-C Datasheet HTML 8Page - Rohm BD1HC500HFN-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Datasheet
Datasheet
3/18
BD1Hx500 Series
TSZ02201-0G3G0BD00070-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.15 Rev.002
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage between drain and source
VDS
44.5 (Internal limitation)
V
Power supply voltage
VDD
40
V
Input voltage
VIN
-0.3 to +12 (1)
V
Diagnostic output voltage
VST
-0.3 to +15 (1)
V
Output current (DC)
IOD
0.8 (2)
A
Output current (Pulse)
IOP
Internal limitation (3)
A
Diagnostic output current
IST
1
mA
Power Consumption
Pd
2.100 (HTSOP-J8)
(4)
1.750(HSON 8) (5)
W
0.587 (MSOP 8) (6)
Operating temperature range
Topr
-40 ≤ Topr < +150
°C
Storage temperature range
Tstg
-55 to +150
°C
Maximum junction temperature
Tjmax
150
°C
Active clamp energy (single pulse)
EAV
33
mJ
Operating Voltage Ratings
Parameter
Symbol
Rating
Unit
Operating voltage
VDD
4 to 18
V
(1) However, VDD ≥ VIN
(2) However, exceed neither Pd nor ASO.
(3) Because of overcurrent protection circuit. (Refer to P11 Figure 20)
(4) IC mounted on ROHM standard board (70×70×1.6[mm], copper area 70×70[mm], glass epoxy 2 layer board).
Derate by 16.8mW above 25°C
(5) IC mounted on ROHM standard board (70×70×1.6[mm], copper area 70×70[mm], glass epoxy 2 layer board).
Derate by 14.0mW above 25°C
(6) IC mounted on ROHM standard board (70×70×1.6[mm], copper area 70×70[mm], glass epoxy 1 layer board).
Derate by 4.7mW above 25°C.
Heat Dissipation Characteristic
(HTSOP-J8) (1)IC mounted on ROHM standard board (70×70×1.6[mm], copper area 70×70[mm],
glass epoxy 4 layer board). Derate by 30mW/°C above 25°C.
(2)IC mounted on ROHM standard board (70×70×1.6[mm], copper area 70×70[mm],
glass epoxy 2 layer board). Derate by 16.8mW/°C above 25°C.
(HSON 8)
(3)IC mounted on ROHM standard board (70×70×1.6[mm], copper area 70×70[mm],
glass epoxy 2 layer board). Derate by 14.0mW/°C above 25°C.
(MSOP 8)
(4)IC mounted on ROHM standard board (70×70×1.6[mm],copper area 70×70[mm],
glass epoxy 1 layer board). Derate by 4.7mW/°C above 25°C.
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0
25
50
75
100
125
150
Ta [°C]
0.587 W
2.100 W
3.750 W
(1) HTSOP-J8
(2) HTSOP-J8
(4) MSOP8
1.750 W
(3) HSON8
(1) HTSOP-J8(glass epoxy 4 layer board)
(2) HTSOP-J8(glass epoxy 2 layer board)
(3) HSON8 (glass epoxy 2 layer board)
(4) MSOP8 (glass epoxy 1 layer board)


유사한 부품 번호 - BD1HC500HFN-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD1HC500HFN-C ROHM-BD1HC500HFN-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HC500HFN-C ROHM-BD1HC500HFN-C Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
More results

유사한 설명 - BD1HC500HFN-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
BD1HX500 ROHM-BD1HX500_V01 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BV1HD090FJ-C ROHM-BV1HD090FJ-C Datasheet
1Mb / 23P
   1ch High-side Switch IC
27.Dec2016 Rev.001
BUS1DJC0GWZ ROHM-BUS1DJC0GWZ Datasheet
669Kb / 23P
   1ch Ultra Small High Side Load Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com