전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD14000EFV-C 데이터시트(PDF) 1 Page - Rohm

부품명 BD14000EFV-C
상세설명  AEC-Q100 qualified
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD14000EFV-C 데이터시트(HTML) 1 Page - Rohm

  BD14000EFV-C Datasheet HTML 1Page - Rohm BD14000EFV-C Datasheet HTML 2Page - Rohm BD14000EFV-C Datasheet HTML 3Page - Rohm BD14000EFV-C Datasheet HTML 4Page - Rohm BD14000EFV-C Datasheet HTML 5Page - Rohm BD14000EFV-C Datasheet HTML 6Page - Rohm BD14000EFV-C Datasheet HTML 7Page - Rohm BD14000EFV-C Datasheet HTML 8Page - Rohm BD14000EFV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/18
TSZ02201-0Q3Q0JZ00270-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
22.Jun.2015 Rev.002
TSZ22111 • 14 • 001
www.rohm.com
Simple design with built-in self-controlled cell balance features circuit
Cell Balance LSI of 4 to 6 Series Power
Storage Element Cells for Automotive
BD14000EFV-C
General Description
BD14000EFV is a LSI IC designed as a self-controlled
cell balancer. It has a built-in shunt-type power storage
element balancer function that can respond to 4 to 6
cells. All the functions necessary in a cell balancer are
built-in making power storage element cell balancing
possible only in this LSI.
This chip can be used for electric double layer
capacitors (EDLC) with cell detection voltage range of
2.4V to 3.1V and power storage capacitors which is
important for cell balancers with similar electrical
characteristics
It has a built-in multiple over-voltage detection function
and can also detect abnormal mode such as any
characteristic deterioration in cells.
Also, application-dependent operation can be set since
enable control is possible.
Features
AEC-Q100 qualified
(Note1)
All EDLC cell balancer functions are integrated on
a single chip
Self- controlled EDLC balance function
Adopts shunt resistance method for simple
balancing
4 to 6 cell series connection ready
Multiple chip series connection is possible
Built-in over-voltage detection flag output
Detection voltage can be set
(Note1 : Grade2)
Applications
Renewable energy power storage for Automotive,
Production machinery, Building machinery, etc.
UPS and other devices that stabilizes power
supplies
Key Specifications
Input Voltage Range
8.0V to 24.0V
Cell Voltage Detection Range
2.4V to 3.1V
Cell Voltage Detection Accuracy
:③
1
(Max. at
25°C)
Shunt Switch ON Resistance
1Ω(Typ.)
Operating Temp. Range
-40°C to +105°C
Package
W (Typ) x D (Typ) x H (Max)
HTSSOP-B30
10.00mm x 7.60mm x 1.00mm
HTSSOP-B30
Typical Application Circuit
Figure 1 Typical application circuit


유사한 부품 번호 - BD14000EFV-C

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BD140 MOTOROLA-BD140 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
List of Unclassifed Man...
BD140 ETC-BD140 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
ON Semiconductor
BD140 ONSEMI-BD140 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
logo
Fairchild Semiconductor
BD140 FAIRCHILD-BD140 Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
logo
NXP Semiconductors
BD140 PHILIPS-BD140 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
More results

유사한 설명 - BD14000EFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com