전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSD13003ER 데이터시트(PDF) 2 Page - SemiHow Co.,Ltd.

부품명 KSD13003ER
상세설명  Suitable for Switching regulator, Inverters motor controls
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIHOW [SemiHow Co.,Ltd.]
홈페이지  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSD13003ER 데이터시트(HTML) 2 Page - SemiHow Co.,Ltd.

  KSD13003ER Datasheet HTML 1Page - SemiHow Co.,Ltd. KSD13003ER Datasheet HTML 2Page - SemiHow Co.,Ltd. KSD13003ER Datasheet HTML 3Page - SemiHow Co.,Ltd. KSD13003ER Datasheet HTML 4Page - SemiHow Co.,Ltd. KSD13003ER Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
◎ SEMIHOW REV.A0,July 2011
High Voltage Switch Mode Application
• High Voltage, High Speed Switching
• Suitable for Switching regulator, Inverters motor controls
• 150℃ Max. Operating temperature
• 8KV ESD proof at HBM (C=100㎊, R=1.5㏀)
KSD13003ER/KSU13003ER
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Tc=25℃)
Storage Temperature
Max. Operating Junction Temperature
V
CBO
V
CEO
V
EBO
I
C
I
CP
I
B
P
C
T
STG
T
J
700
400
9
1.5
3
0.75
25
-65~150
150
V
V
V
A
A
A
W
1.5 Amperes
NPN Silicon Power Transistor
25 Watts
Absolute Maximum Ratings TC=25℃ unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Base Breakdown Voltage
V
CBO
I
C=500μA, IE=0
700
V
Collector-Emitter Breakdown Voltage
V
CEO
I
C=1mA, IB=0
400
V
Emitter Cut-off Current
I
EBO
V
EB=9V,IC=0
10
*DC Current Gain
h
FE1
h
FE2
V
CE=10V,IC=400mA
V
CE=10V,IC=1.5A
9
3
38
*Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=0.5A,IB=0.1A
I
C=1A,IB=0.25A
I
C=1.5A,IB=0.5A
0.5
1.0
3.0
V
V
V
*Base-Emitter Saturation Voltage
V
BE(sat)
I
C=0.5A,IB=0.1A
I
C=1A,IB=0.25A
1.0
1.2
V
V
Output Capacitance
C
ob
V
CB=10V, f=0.1MHz
21
Current Gain Bandwidth Product
f
T
V
CE=10V,IC=0.1A
4
Turn on Time
t
on
Vcc=125V, Ic=2A
I
B1=0.2A, IB2= -0.2A
R
L=125Ω
1.1
Storage Time
t
stg
4.0
Fall Time
t
F
0.7
Electrical Characteristics TC=25℃ unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
TO-252 / TO-251
1. Emitter
2. Collector
3. Base
hFE1
Classification
R
15 ~ 25
O
20 ~ 30
Y
25 ~ 35
Note.
S
ER
1 3 0 0 3
YWW Z
S
SemiHow Symbol
YWW
Y; year code, WW; week code
Z
hFE1 Classification
Package Mark information.
D-PAK
I-PAK
2
1
2
3
1
3
KSD13003ER
KSU13003ER


유사한 부품 번호 - KSD13003ER

제조업체부품명데이터시트상세설명
logo
SemiHow Co.,Ltd.
KSD13003E SEMIHOW-KSD13003E Datasheet
553Kb / 5P
   High Voltage Switch Mode Application
KSD13003E SEMIHOW-KSD13003E Datasheet
248Kb / 7P
   NPN Silicon Power Transistor
More results

유사한 설명 - KSD13003ER

제조업체부품명데이터시트상세설명
logo
SemiHow Co.,Ltd.
KSX13005A SEMIHOW-KSX13005A Datasheet
263Kb / 12P
   Suitable for switching regulator
KSX741 SEMIHOW-KSX741 Datasheet
125Kb / 5P
   Suitable for switching regulator
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
ALPS ELECTRIC CO.,LTD.
RK08H ALPS-RK08H_15 Datasheet
836Kb / 6P
   Compact type potentiometer suitable for volume and tone controls
logo
Toshiba Semiconductor
2SD1160 TOSHIBA-2SD1160 Datasheet
188Kb / 4P
   NPN EPITAXIAL TYPE (SWITCHING, SUITABLE FOR MOTOR DRIVER APPLICATIONS)
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIB10CH60TS-L STMICROELECTRONICS-STGIB10CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
October 2016 Rev 6
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com