전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT8495 데이터시트(PDF) 27 Page - Linear Technology

부품명 LT8495
상세설명  SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT8495 데이터시트(HTML) 27 Page - Linear Technology

Back Button LT8495_15 Datasheet HTML 23Page - Linear Technology LT8495_15 Datasheet HTML 24Page - Linear Technology LT8495_15 Datasheet HTML 25Page - Linear Technology LT8495_15 Datasheet HTML 26Page - Linear Technology LT8495_15 Datasheet HTML 27Page - Linear Technology LT8495_15 Datasheet HTML 28Page - Linear Technology LT8495_15 Datasheet HTML 29Page - Linear Technology LT8495_15 Datasheet HTML 30Page - Linear Technology LT8495_15 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LT8495
27
8495fa
For more information www.linear.com/LT8495
TYPICAL APPLICATIONS
Wide Input and Output Range SEPIC Converter with Charge Pump Switches at 400kHz
VIN
6V TO 38V
(6V TO 32V FOR START-UP)
WDE
LT8495
WDI
WDO
RST
D1
D2
D3
D4
1M
D6
D5
78.7k
26.7k
1k
OUTPUT
ADJUST
0.1V TO 3.2V
D7
C8
10µF
×2
C7
10µF
×2
C1
2.2µF
C4
4.7nF
C5
1nF
196k
1µF
C2
10µF
×2
C10
10µF
C9
10µF
C3
3.3µF
R1
1.2
L1
22µH
L2
22µH
VOUT
20V TO 60V
80mA
8495 TA03
µC
FB
BIAS
GND
RSTIN
VIN
SWEN
CPOR
CWDT
SS
SW
RT
DAC
L1, L2: COILCRAFT MSD1260T-223ML
C1: 2.2µF, 50V, X5R,1206
C3: 3.3µF, 100V, X7R, 1210
C2, C7-C10: TAIYO YUDEN GMK325C7106KMHT, 10µF, 35V, X7S, 1210
C4: 4.7nF, 25V, NP0, 0603
C5: 1nF, 25V, NP0, 0603
D1-D4: FAIRCHILD MBR0540
D5-D7: ON-SEMI MBRA2H100
R1: 1.2, 0.5W, SMD, 2010
(SET DAC TO 3.2V FOR START-UP)


유사한 부품 번호 - LT8495_15

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
   SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
More results

유사한 설명 - LT8495_15

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
   SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
LT8494 LINER-LT8494 Datasheet
605Kb / 26P
   SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com