전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT8495 데이터시트(PDF) 4 Page - Linear Technology

부품명 LT8495
상세설명  SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT8495 데이터시트(HTML) 4 Page - Linear Technology

  LT8495_15 Datasheet HTML 1Page - Linear Technology LT8495_15 Datasheet HTML 2Page - Linear Technology LT8495_15 Datasheet HTML 3Page - Linear Technology LT8495_15 Datasheet HTML 4Page - Linear Technology LT8495_15 Datasheet HTML 5Page - Linear Technology LT8495_15 Datasheet HTML 6Page - Linear Technology LT8495_15 Datasheet HTML 7Page - Linear Technology LT8495_15 Datasheet HTML 8Page - Linear Technology LT8495_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LT8495
4
8495fa
For more information www.linear.com/LT8495
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = VSWEN = 12V, VBIAS = VWDE = 5V, unless otherwise noted
(Note 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RSTIN Pin Current (Note 7)
VRSTIN = 1.2V
VRSTIN = 5V
VRSTIN = 12V
0
35
240
25
200
550
nA
nA
nA
RSTIN Threshold as % of VFB Regulation Voltage
l
86
92
97
%
RSTIN Low to RST Asserted (tUV)
Step VRSTIN from 1.3V to 0.9V
l
8
23
60
µs
Watchdog Timeout and Reset Delay Period (tRST)
(Note 8)
CPOR = 4700pF, Watchdog Timeout Not Occurring
at Same Time as the Reset Delay
l
8.5
9.5
11.85
ms
Watchdog Upper Boundary (tWDU) (Note 8)
CWDT = 1000pF
l
14.9
16.7
20.9
ms
Watchdog Lower Boundary (tWDL) (Note 8)
CWDT = 1000pF
l
580
650
812
µs
RST Output Voltage Low
ISINK = 1.25mA
ISINK = 100μA, VBIAS = 1.3V, VIN = 0V
ISINK = 100μA, VIN = 1.3V, VBIAS = 0V
l
l
l
33
15
15
150
150
150
mV
mV
mV
RST Leakage Current
VRSTIN = 1.2V, VRST = 5V (LT8495E, LT8495I)
VRSTIN = 1.2V, VRST = 5V (LT8495H)
l
l
0
0
0.3
1.0
µA
μA
WDO Output Voltage Low
ISINK = 1.25mA
l
120
420
mV
WDO Leakage Current
VWDO = 5V
l
0
0.25
μA
WDI Pin Current
VWDI = 5V
0
0.1
µA
WDI Input Rising Threshold
l
0.4
0.8
1.25
V
WDI Voltage Hysteresis
58
mV
WDI Input Pulse Width
l
300
ns
WDE Pin Current (Note 7)
VWDE = 1.2V
VWDE = 5V
VWDE = 12V
0
35
240
25
200
550
nA
nA
nA
WDE Rising Voltage Threshold
l
0.9
1
1.1
V
WDE Voltage Hysteresis
30
mV
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Voltages are with respect to GND pin unless
otherwise noted.
Note 2: The LT8495E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8495I is guaranteed to meet performance specifications from –40°C
to 125°C junction temperature. The LT8495H is guaranteed over the full
–40°C to 150°C operating junction temperature range. Operating lifetime is
derated at junction temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Junction temperature will exceed the maximum operating range when
overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature may impair device
reliability.
Note 4: See Power Supplies and Operating Limits in the Applications
Information section for more details.
Note 5: Current limit guaranteed by design and/or correlation to static test.
Slope Compensation reduces current limit at higher duty cycles.
Note 6: Max duty cycle current limit measured at 1MHz switching
frequency.
Note 7: Polarity specification for all currents into pins is positive. All
voltages are referenced to GND unless otherwise specified.
Note 8: This specification is guaranteed for only the exact capacitance as
listed in the conditions. Variation of the capacitance from the exact listed
value will cause proportional variation to tRST, tWDU and tWDL.


유사한 부품 번호 - LT8495_15

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
   SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
More results

유사한 설명 - LT8495_15

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
   SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
LT8494 LINER-LT8494 Datasheet
605Kb / 26P
   SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com