전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZHVDC 데이터시트(PDF) 10 Page - American Zettler, Inc.

부품명 AZHVDC
상세설명  High voltage direct current relay
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZETTLER [American Zettler, Inc.]
홈페이지  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZHVDC 데이터시트(HTML) 10 Page - American Zettler, Inc.

Back Button AZHVDC Datasheet HTML 6Page - American Zettler, Inc. AZHVDC Datasheet HTML 7Page - American Zettler, Inc. AZHVDC Datasheet HTML 8Page - American Zettler, Inc. AZHVDC Datasheet HTML 9Page - American Zettler, Inc. AZHVDC Datasheet HTML 10Page - American Zettler, Inc. AZHVDC Datasheet HTML 11Page - American Zettler, Inc. AZHVDC Datasheet HTML 12Page - American Zettler, Inc. AZHVDC Datasheet HTML 13Page - American Zettler, Inc. AZHVDC Datasheet HTML 14Page - American Zettler, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AZ
AZHVDC
11/3/14
NOSH? gfcXi`q\[ fe cfX[ k\id`eXc@
ef gfcXi`kp fe Zf`c3
Cfee\Zk\i
Cf`c U`i`e^ D`X^iXd
;;
72 t;36
6XZY
7X[Y
72K;1JfX[ R\id`eXc
9636
9636
;;
9
726937
72>3;
72 t;36
=5
?HMEQK2 Ie ZXj\f] ef kfc\iXeZ\j_fne `e flkc`e\[`d\ej`fe? flkc`e\[`d\ej`fe y65dd1 kfc\iXeZ\j_flc[ Y\s538dd@ flkc`e\[`d\ej`fe {65dd
Xe[ y:5dd1 kfc\iXeZ\j_flc[ Y\s53:dd@ flkc`e\[`d\ej`fe {:5dd1 kfc\iXeZ\j_flc[ Y\s53=dd3
655s :.jg\Z`Xc fi[\i Xccfn\[/
6=
72K:
U`i`e^ D`X^iXd
Add Suffix "Y" to the standard part number for this option of the part - Horizontal mounting
150 Amp Version
Outline Dimensions (Unit: mm)
MECHANICAL DATA


유사한 부품 번호 - AZHVDC

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZH16VS AZM-AZH16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZHEL07 AZM-AZHEL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
List of Unclassifed Man...
AZHEL11 ETC-AZHEL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZHLT21 ETC1-AZHLT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
More results

유사한 설명 - AZHVDC

제조업체부품명데이터시트상세설명
logo
Hongfa Technology
HFE18V-300 HONGFA-HFE18V-300 Datasheet
98Kb / 5P
    HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-100 HONGFA-HFE18V-100 Datasheet
86Kb / 5P
   HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-200 HONGFA-HFE18V-200 Datasheet
132Kb / 7P
   HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-150 HONGFA-HFE18V-150 Datasheet
118Kb / 5P
   HIGH VOLTAGE DIRECT CURRENT RELAY
HFE80V-80 HONGFA-HFE80V-80 Datasheet
74Kb / 5P
   LOW VOLTAGE DIRECT CURRENT RELAY
HFE82V-120 HONGFA-HFE82V-120 Datasheet
87Kb / 5P
   DIRECT CURRENT RELAY
HFE80V-200 HONGFA-HFE80V-200 Datasheet
118Kb / 5P
   DIRECT CURRENT RELAY
HFE80V-20 HONGFA-HFE80V-20 Datasheet
90Kb / 4P
   DIRECT CURRENT RELAY
HFE80V-60 HONGFA-HFE80V-60 Datasheet
72Kb / 4P
   DIRECT CURRENT RELAY
HFE82V-60B HONGFA-HFE82V-60B Datasheet
73Kb / 4P
   DIRECT CURRENT RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com