전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KF5N50DZ-DS 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KF5N50DZ-DS
상세설명  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF5N50DZ-DS 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KF5N50DZ-DS_15 Datasheet HTML 1Page - KEC(Korea Electronics) KF5N50DZ-DS_15 Datasheet HTML 2Page - KEC(Korea Electronics) KF5N50DZ-DS_15 Datasheet HTML 3Page - KEC(Korea Electronics) KF5N50DZ-DS_15 Datasheet HTML 4Page - KEC(Korea Electronics) KF5N50DZ-DS_15 Datasheet HTML 5Page - KEC(Korea Electronics) KF5N50DZ-DS_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2010. 9. 1
1/6
SEMICONDUCTOR
TECHNICAL DATA
KF5N50DZ/DS
N CHANNEL MOS FIELD
EFFECT TRANSISTOR
Revision No : 0
General Description
This planar stripe MOSFET has better characteristics, such as fast
switching time, fast reverse recovery time, low on resistance, low gate
charge and excellent avalanche characteristics. It is mainly suitable for
electronic ballast and switching mode power supplies.
FEATURES
・V
DSS= 500V, ID= 4.3A
・Drain-Source ON Resistance : R
DS(ON)=1.4Ω(Max) @VGS = 10V
・Qg(typ) = 12nC
・t
rr(typ) = 150ns (KF5N50DS)
・t
rr(typ) = 300ns (KF5N50DZ)
MAXIMUM RATING (Tc=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
@TC=25℃
ID
4.3
A
@TC=100℃
2.7
Pulsed (Note1)
IDP
13
Single Pulsed Avalanche Energy
(Note 2)
EAS
270
mJ
Repetitive Avalanche Energy
(Note 1)
EAR
8.6
mJ
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
20
V/ns
Drain Power
Dissipation
Tc=25
PD
59.5
W
Derate above 25
0.48
W/
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Thermal Characteristics
Thermal Resistance, Junction-to-Case
RthJC
2.1
℃/W
Thermal Resistance, Junction-to-
Ambient
RthJA
110
℃/W
G
D
S
PIN CONNECTION
DPAK (1)
DIM MILLIMETERS
A
A
B
B
C
C
D
D
F
FF
H
G
K
G
J
L
K
L
M
0.96 MAX
0.90 MAX
E
E
M
N
H
0.70 MIN
O
Max 0.1
N
12
3
6.60
0.20
+
_
6.10 0.20
+
_
5.34
0.30
+
_
0.70 0.20
+
_
2.70
0.15
+
_
2.30 0.10
+
_
1.80 0.20
+
_
0.50
0.10
+
_
2.30 0.10
+
_
0.50 0.10
+
_
J
O
(KF5N50DZ/DS)


유사한 부품 번호 - KF5N50DZ-DS_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KF5N50DZ-IZ KEC-KF5N50DZ-IZ_15 Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

유사한 설명 - KF5N50DZ-DS_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com