전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMA3D7P20SA 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KMA3D7P20SA
상세설명  P-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMA3D7P20SA 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KMA3D7P20SA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMA3D7P20SA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMA3D7P20SA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMA3D7P20SA_15 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 6. 10
2/4
KMA3D7P20SA
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain to Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250μ
A
-20
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=-20V
-
-
-1
μA
Gate to Source Leakage Current
IGSS
VGS=±12V, VDS=0V
-
-
±100
nA
Gate to Source Threshold Voltage
Vth
VDS=VGS, ID=-250μ
A
-0.55
-
-1.5
V
Drain to Source On Resistance
RDS(ON)
VGS=-4.5V, ID=-2.8A
(Note2)
-
65
76
m
VGS=-2.5V, ID=-2.3A
(Note2)
-
90
112
Dynamic
Input Capacitance
Ciss
VDS=-10V, f=1MHz,
VGS=0V
-
443
-
pF
Output Capacitance
Coss
-
92
-
Reverse Transfer Capacitance
Crss
-
51
-
Total Gate Charge
Qg
VDS=-10V, ID=-2.8A,
VGS=-4.5V
(Note2)
-
4.37
-
nC
Gate to Source Charge
Qgs
-
0.54
-
Gate to Drain Charge
Qgd
-
1.54
-
Turn-on Delay time
td(on)
VDD=-10V, VGS=-4.5V ,
ID=-2.8A, RG=6Ω
(Note2)
-
6.2
-
ns
Turn-on Rise time
tr
-
18
-
Turn-off Delay time
td(off)
-
50
-
Turn-off Fall time
tf
-
33
-
Source to Drain Diode Ratings
Source to Drain Forward Voltage
VSD
VGS=0V, IS=-1.0A
(Note2)
-
-0.8
-1.2
V
Note2) Pulse Test : Pulse width <300
㎲ , Duty cycle < 2%


유사한 부품 번호 - KMA3D7P20SA_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMA3D7P20SA KEC-KMA3D7P20SA Datasheet
81Kb / 4P
   P-Ch Trench MOSFET
More results

유사한 설명 - KMA3D7P20SA_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
   P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA Datasheet
54Kb / 4P
   P-Ch Trench MOSFET
KML0D4P20E KEC-KML0D4P20E Datasheet
791Kb / 4P
   P-Ch Trench MOSFET
KMA4D5P20X KEC-KMA4D5P20X Datasheet
423Kb / 5P
   P-CH Trench MOSFET
KMA3D7P20SA KEC-KMA3D7P20SA Datasheet
81Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA Datasheet
471Kb / 5P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA Datasheet
464Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com