전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMD6D0DN40Q 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KMD6D0DN40Q
상세설명  Dual N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMD6D0DN40Q 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KMD6D0DN40Q_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMD6D0DN40Q_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMD6D0DN40Q_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMD6D0DN40Q_15 Datasheet HTML 4Page - KEC(Korea Electronics) KMD6D0DN40Q_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2012. 7. 26
3/5
KMD6D0DN40Q
Revision No : 0
Drain - Source Voltage VDS (V)
Source - Drain Forward Voltage VSDF (V)
0
0
2
8
16
4
12
20
468
10
Gate - Source Voltage VGS (V)
-80
-40
40
80
160
120
0
0
1
4
2
5
3
Junction Temperature Tj (
)
C
V
GS=4.0
V
GS=4.5
V
GS=10
V
GS=3.5
V
GS=3.0
V
GS=5
Common Source
Tc= 25
Pulse Test
C
Common Source
V
GS=VDS
I
D=250µA
Pulse Test
Fig1. ID - VDS
Fig3. ID - VGS
Fig5. Vth - Tj
Fig6. IDR - VSDF
234
10
56789
25 C
10
1
10
2
10
0
Common Source
V
DS=10V
Pulse Test
100 C
0.4
0.6
0.8
2.0
1.0
1.2
1.4
1.6
1.8
25 C
10
1
10
2
10
0
100 C
0
0.16
0.12
0.14
0.06
0.08
0.02
0.04
0.1
10
15
05
20
Drain Current ID (A)
VGS=
4.5
V
GS=10V
Common Source
Tc= 25
Pulse Test
C
Fig2. RDS(on) - ID
0
40
100
80
20
60
0
160
120
80
-40
40
-80
Common Source
V
DS=10V
Pulse Test
Common Drain
V
GS=0V
Pulse Test
Junction Temperature Tj (
)
C
Fig4. RDS(on) - Tj


유사한 부품 번호 - KMD6D0DN40Q_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMD6D0DN40Q KEC-KMD6D0DN40Q Datasheet
378Kb / 5P
   This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for DC/DC Converters.
More results

유사한 설명 - KMD6D0DN40Q_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB4D5DN60QA KEC-KMB4D5DN60QA_15 Datasheet
769Kb / 4P
   Dual N-Ch Trench MOSFET
KMB4D5DN60QA KEC-KMB4D5DN60QA Datasheet
57Kb / 4P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QA KEC-KMB7D0DN40QA_09 Datasheet
86Kb / 5P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF1002 KODENSHI-SUF1002 Datasheet
353Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB7D0DN40QA KEC-KMB7D0DN40QA Datasheet
460Kb / 4P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF3001 KODENSHI-SUF3001 Datasheet
344Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB6D0DN30QA KEC-KMB6D0DN30QA_15 Datasheet
381Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_08 Datasheet
62Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QB KEC-KMB6D0DN30QB Datasheet
380Kb / 5P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QB KEC-KMB7D0DN40QB Datasheet
839Kb / 5P
   Dual N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com