전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848W 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 BC848W
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC848W 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  BC848W Datasheet HTML 1Page - KEC(Korea Electronics) BC848W Datasheet HTML 2Page - KEC(Korea Electronics) BC848W Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 8. 29
2/3
BC846W/7W/8W
Revision No : 4
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
15
nA
DC Current Gain (Note)
BC846W
hFE
VCE=5V, IC=2mA
110
-
450
BC847W
110
-
800
BC848W
110
-
800
Collector-Emitter Saturation Voltage
VCE(sat) 1IC=10mA, IB=0.5mA
-
0.09
0.25
V
VCE(sat) 2IC=100mA, IB=5mA
-
0.2
0.6
Base-Emitter Saturation Voltage
VBE(sat) 1IC=10mA, IB=0.5mA
-
0.7
-
V
VBE(sat) 2IC=100mA, IB=5mA
-
0.9
-
Base-Emitter Voltage
VBE(ON) 1VCE=5V, IC=2mA
0.58
-
0.7
V
VBE(ON) 2VCE=5V, IC=10mA
-
-
0.75
V
Transition Frequency
fT
VCE=5V, IC=10mA, f=100MHz
-
300
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2.5
4.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA
Rg=10kΩ, f=1kHz
-
1.0
10
dB
NOTE : According to the value of hFE the BC846W, BC847W, BC848W are classified as follows.
CLASSIFICATION
A
B
C
hFE
BC846W
110
~220
200
~450
-
BC847W
110
~220
200
~450
420
~800
BC848W
110
~220
200
~450
420
~800


유사한 부품 번호 - BC848W

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
BC848W KEC-BC848W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Continental Device Indi...
BC848W CDIL-BC848W Datasheet
367Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Infineon Technologies A...
BC848W INFINEON-BC848W Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
Guangdong Kexin Industr...
BC848W KEXIN-BC848W Datasheet
1Mb / 2P
   NPN Transistors
logo
Diotec Semiconductor
BC848W DIOTEC-BC848W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

유사한 설명 - BC848W

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com