전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1381 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KTA1381
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1381 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KTA1381 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1381 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1381 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 7. 24
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1381
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
HIGH-DEFINITION CRT DISPLAY,
VIDEO OUTPUT APPLICATIONS.
FEATURES
High breakdown voltage : VCEO 300V.
Small reverse transfer capacitance and
excellent high frequency characteristic.
: Cre=2.3pF (VCB=30V, f=1MHz)
Complementary KTC3503.
MAXIMUM RATING (Ta=25 )
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. EMITTER
2. COLLECTOR
3. BASE
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Φ3.2 0.1
3.5
11.0 0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75 0.15
2.3 0.1
0.65 0.15
1.6
3.4 MAX
B
1
23
+_
+_
+_
15.50 0.5
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification O:60 120, Y:100 200
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-100
mA
Pulse
ICP
-200
Collector Power
Dissipation
Ta=25
PC
1.5
W
Tc=25
7
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-200V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-0.1
A
DC Current Gain
hFE (Note)
VCE=-10V, IC=-10mA
60
-
200
Transition Frequency
fT
VCE=-30V, IC=-10mA
-
150
-
MHz
Collector Output Capacitance
Cob
VCB=-30V, IE=0, f=1MHz
-
3.1
-
pF
Reverse Transfer Capacitance
Cre
VCB=-30V, IE=0, f=1MHz
-
2.3
-
pF
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-20mA, IB=-2mA
-
-
-0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-20mA, IB=-2mA
-
-
-1.0
V
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
-300
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-300
-
-
V
Base-Emitter Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-5
-
-
V


유사한 부품 번호 - KTA1381

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1381 KEC-KTA1381 Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH-DIFFINITION CRT DISPLAY VIDEO OUTPUT)
More results

유사한 설명 - KTA1381

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com