전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1662 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KTA1662
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1662 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KTA1662 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1662 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 5. 9
2/2
KTA1662
Revision No : 3
I
- V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-2
-100
0
50
500
-1
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
-0.01
-1
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-0.5
-1
I
- V
C
BE
BE
BASE-EMITTER VOLTAGE V
(V)
0
-0.2
-0.4
-100
0
-4
-6
-8
-10
-12
-14
-200
-300
-400
-500
COMMON EMITTER
Ta=25 C
I =0.5mA
B
-1mA
-2mA
-3mA
-5mA
0mA
-3
-10
-30
-100
-300
30
100
10
300
COMMON EMITTER
V
=-2V
CE
Ta=100 C
Ta=25 C
Ta=-25 C
-3
-10
-30
-100
-500
-0.03
-0.05
-0.1
-0.3
-0.5
COMMON EMITTER
I /I =10
C B
Ta=
100
C
Ta=-25 C
Ta=25 C
-0.6
-0.8
-1.0
-1.2
-200
-300
-400
-500
COMMON EMITTER
V
=-2V
CE
-1
-3
-10
-30
-100
-300
-3
-10
-30
-100
-300
-1k
-3k
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSE)
C
C
I
MAX
(CONTINUOUS)
DC
OPE
RA
TIO
N
1m
s
10m
s
100
ms
0.2
20
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
40
60
80
100
120
140
160
0
0.4
0.6
0.8
1.0
1.2
1 MOUNTED ON CERAMIC
SUBSTRATE(250mm x0.8t)
2 Ta=25 C
2
1
2


유사한 부품 번호 - KTA1662

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1662 KEC-KTA1662 Datasheet
327Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Guangdong Kexin Industr...
KTA1662 KEXIN-KTA1662 Datasheet
54Kb / 1P
   PNP General Purpose Transistors
More results

유사한 설명 - KTA1662

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com