전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF520NLPBF 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRF520NLPBF
상세설명  FAST SWITCHING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF520NLPBF 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRF520NLPBF Datasheet HTML 3Page - International Rectifier IRF520NLPBF Datasheet HTML 4Page - International Rectifier IRF520NLPBF Datasheet HTML 5Page - International Rectifier IRF520NLPBF Datasheet HTML 6Page - International Rectifier IRF520NLPBF Datasheet HTML 7Page - International Rectifier IRF520NLPBF Datasheet HTML 8Page - International Rectifier IRF520NLPBF Datasheet HTML 9Page - International Rectifier IRF520NLPBF Datasheet HTML 10Page - International Rectifier IRF520NLPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRF520NS/LPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 08/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


유사한 부품 번호 - IRF520NLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF520NLPBF IRF-IRF520NLPBF Datasheet
405Kb / 10P
   Advamced {rpcess Technology Surface Mount
More results

유사한 설명 - IRF520NLPBF

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
   Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
   Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
   Fast Switching
40N10 ISC-40N10 Datasheet
68Kb / 2P
   Fast Switching
2N60 ISC-2N60 Datasheet
157Kb / 2P
   Fast Switching
3N45 ISC-3N45 Datasheet
49Kb / 2P
   Fast Switching
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com