전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC0408FC3.3C 데이터시트(PDF) 5 Page - Protek Devices

부품명 LC0408FC3.3C
상세설명  200w low capacitance fl ip chip tvs arr ay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC3.3C 데이터시트(HTML) 5 Page - Protek Devices

  LC0408FC3.3C Datasheet HTML 1Page - Protek Devices LC0408FC3.3C Datasheet HTML 2Page - Protek Devices LC0408FC3.3C Datasheet HTML 3Page - Protek Devices LC0408FC3.3C Datasheet HTML 4Page - Protek Devices LC0408FC3.3C Datasheet HTML 5Page - Protek Devices LC0408FC3.3C Datasheet HTML 6Page - Protek Devices LC0408FC3.3C Datasheet HTML 7Page - Protek Devices LC0408FC3.3C Datasheet HTML 8Page - Protek Devices LC0408FC3.3C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R9 9/12
Page 5
LC0408FC3.3C - LC0408FC36C
soLDeR ReFLow inFoRMation
PRinteD CiRCuit BoaRD ReCoMMenDations
PaRaMeteR
vaLue
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask Defined Pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.150mm
Solder Stencil Aperture Opening (Laser cut, 5% tapered walls)
0.330mm Round
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance - Edge To Corner Ball
±50µm
Solder Ball Side Coplanarity
±20µm
Maximum Dwell Time Above Liquidous (183°C)
60 seconds
Soldering Maximum Temperature
270°C
t
P
30-60 seconds
Ramp-up
15 seconds
(Minimize)
solder-time
15-20 seconds
Ramp-Down
Ramp-Down
solder Melt
(Maximum temp)
Maximum solder Reflow
(35-53°C above Maximum solder Melt temp)
Ramp-up
Preheat
(stay Below Flux activation temp)
ReCoMMenDeD non-soLDeR MasK
DeFineD PaD iLLustRation
non-solder Mask Defined Pad
0.275mm Dia.
solder Mask opening
0.325mm Dia.
solder stencil opening
0.330mm Dia.
RequiReMents
Temperature:
T
P for Lead-Free (Sn/Ag/Cu): 260-270°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux activa-
tion temperature, component size, weight, surface area and plating.


유사한 부품 번호 - LC0408FC3.3C

제조업체부품명데이터시트상세설명
logo
Protek Devices
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results

유사한 설명 - LC0408FC3.3C

제조업체부품명데이터시트상세설명
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
SLVU2.8-4LC PROTEC-SLVU2.8-4LC Datasheet
636Kb / 9P
   600 WATT MULTI-LINE ult ra LOW CAPACITANCE TVS ARR AY
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com