전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1837 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KTA1837
상세설명  TRIPLE DIFFUSED PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1837 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KTA1837_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1837_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
KTA1837
Revision No : 2
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
-2
-4
-6
-8
-10
-0.2
-0.4
-0.6
-0.8
-1.0
BASE-EMITTER VOLTAGE V
(V)
0
0-0.2
-0.8
-0.6
-0.4
-0.2
-1.0
I
- V
-0.6
-0.4
-0.8
CBE
BE
-1.0
-1.2
-1.4
COMMON EMITTER
Tc=25 C
-20
-10
I =-2mA
-4
-6
-8
B
COMMON EMITTER
V
=-5V
Tc=100 C
25
-25
BE
COLLECTOR CURRENT I
(A)
10
30
50
100
-0.003
-0.01
Tc=100 C
C
-0.03
-0.1
-1
-0.3
500
300
COMMON EMITTER
h
- I
FE
C
COLLECTOR CURRENT I
(A)
I /I =10
C
B
25
-25
C
COMMON EMITTER
CE(sat)
V
- I
Ta=100 C
C
V
=-5V
CE
Tc=25 C
Tc=-25 C
f
- I
T
C
C
COLLECTOR CURRENT I
(mA)
5
300
0
30
10
30
100
300
1k
50
100
COMMON EMITTER
V
=-10V
Tc=25 C
CE
-0.01
-0.03
-0.1
-0.3
-1
-3
-0.05
-0.5
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-0.01
-3
-5
-1
-10
-30 -50 -100
-300 -500
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSED)
C
I
MAX
(CONTINOUS)
C
1ms
10ms
100ms
-3
-0.03
-0.01
-0.003
-0.1
-0.3
-1


유사한 부품 번호 - KTA1837_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1837 KEC-KTA1837 Datasheet
392Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
More results

유사한 설명 - KTA1837_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com