전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5803D2PBF 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRF5803D2PBF
상세설명  Ideal For Buck Regulator Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF5803D2PBF 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRF5803D2PBF_15 Datasheet HTML 3Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 4Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 5Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 6Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 7Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 8Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 9Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 10Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRF5803D2PbF
10
www.irf.com
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BAS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BAS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMET ERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BAS IC
0.635 BAS IC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
CA B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
F OOT PRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUT LINE CONFORMS TO JEDEC OUT LINE MS -012AA.
NOT ES:
1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994.
2. CONT ROLLING DIMENS ION: MILLIMET ER
3. DIMENS IONS ARE S HOWN IN MILLIMETERS [INCHES ].
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS .
6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS .
MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010].
7 DIMENS ION IS THE LENGTH OF LEAD FOR S OLDERING TO
A SUBST RATE.
MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
SO-8 (Fetky) Package Outline
Dimensions are shown in millimeters (inches)
RECT IFIER
LOGO
INT ERNAT IONAL
EXAMPLE: T HIS IS AN IRF7807D1 (FET KY)
XXXX
807D1
Y = LAS T DIGIT OF THE YEAR
A = ASSEMBLY SIT E CODE
WW = WEEK
LOT CODE
PRODUCT (OPT IONAL)
P = DISGNAT ES LEAD - FREE
DAT E CODE (YWW)
PART NUMBER
SO-8 (Fetky) Part Marking Information


유사한 부품 번호 - IRF5803D2PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5803D2PBF IRF-IRF5803D2PBF Datasheet
143Kb / 11P
   FETKY 짰MOSFET & Schottky Diode
More results

유사한 설명 - IRF5803D2PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
IRF7321D2PBF IRF-IRF7321D2PBF_15 Datasheet
214Kb / 8P
   Ideal For Buck Regulator Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com