전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6617PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF6617PBF
상세설명  Ideal for CPU Core DC-DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6617PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF6617PBF Datasheet HTML 1Page - International Rectifier IRF6617PBF Datasheet HTML 2Page - International Rectifier IRF6617PBF Datasheet HTML 3Page - International Rectifier IRF6617PBF Datasheet HTML 4Page - International Rectifier IRF6617PBF Datasheet HTML 5Page - International Rectifier IRF6617PBF Datasheet HTML 6Page - International Rectifier IRF6617PBF Datasheet HTML 7Page - International Rectifier IRF6617PBF Datasheet HTML 8Page - International Rectifier IRF6617PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6617PbF
www.irf.com
5
Fig 13. Maximum Avalanche Energy Vs. Drain Current
Fig 12. On-Resistance Vs. Gate Voltage
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
20
40
60
80
100
120
ID
TOP
5.2A
7.9A
BOTTOM
12A
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
4
8
12
16
20
24
TJ = 25°C
TJ = 125°C
ID = 15A
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 16a. Gate Charge Test Circuit
Fig 16b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr


유사한 부품 번호 - IRF6617PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6617PBF IRF-IRF6617PBF Datasheet
244Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
More results

유사한 설명 - IRF6617PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6618PBF IRF-IRF6618PBF_15 Datasheet
250Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6622PBF IRF-IRF6622PBF_15 Datasheet
251Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com