전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6617TRPBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF6617TRPBF
상세설명  Ideal for CPU Core DC-DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6617TRPBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF6617TRPBF Datasheet HTML 1Page - International Rectifier IRF6617TRPBF Datasheet HTML 2Page - International Rectifier IRF6617TRPBF Datasheet HTML 3Page - International Rectifier IRF6617TRPBF Datasheet HTML 4Page - International Rectifier IRF6617TRPBF Datasheet HTML 5Page - International Rectifier IRF6617TRPBF Datasheet HTML 6Page - International Rectifier IRF6617TRPBF Datasheet HTML 7Page - International Rectifier IRF6617TRPBF Datasheet HTML 8Page - International Rectifier IRF6617TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6617PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
2.5V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
5
10
15
20
25
30
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 24V
VDS= 15V
ID= 12A
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 15A
VGS = 10V
1.0
2.0
3.0
4.0
5.0
6.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
1000.0
VDS = 15V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 150°C


유사한 부품 번호 - IRF6617TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6617TRPBF IRF-IRF6617TRPBF Datasheet
244Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
More results

유사한 설명 - IRF6617TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6618PBF IRF-IRF6618PBF_15 Datasheet
250Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6622PBF IRF-IRF6622PBF_15 Datasheet
251Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com