전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6623TRPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF6623TRPBF
상세설명  Ideal for CPU Core DC-DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6623TRPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF6623TRPBF Datasheet HTML 1Page - International Rectifier IRF6623TRPBF Datasheet HTML 2Page - International Rectifier IRF6623TRPBF Datasheet HTML 3Page - International Rectifier IRF6623TRPBF Datasheet HTML 4Page - International Rectifier IRF6623TRPBF Datasheet HTML 5Page - International Rectifier IRF6623TRPBF Datasheet HTML 6Page - International Rectifier IRF6623TRPBF Datasheet HTML 7Page - International Rectifier IRF6623TRPBF Datasheet HTML 8Page - International Rectifier IRF6623TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6623PbF
2
www.irf.com
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.61mH,
RG = 25Ω, IAS = 12A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Surface mounted on 1 in. square Cu board.
… Used double sided cooling, mounting pad.
Notes:
† Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
‡ TC measured with thermal couple mounted to top (Drain) of
part.
ˆ Rθ is measured at TJ of approximately 90°C.
‰ Click on this section to link to the appropriate technical paper.
Š Click on this section to link to the DirectFET Website.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
15
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.4
5.7
m
–––
7.5
9.7
VGS(th)
Gate Threshold Voltage
1.4
–––
2.2
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.4
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
34
–––
–––
S
Qg
Total Gate Charge
–––
11
17
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.3
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.0
–––
Qgodr
Gate Charge Overdrive
–––
2.5
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.2
–––
Qoss
Output Charge
–––
8.9
–––
nC
td(on)
Turn-On Delay Time
–––
9.7
–––
tr
Rise Time
–––
40
–––
td(off)
Turn-Off Delay Time
–––
12
–––
ns
tf
Fall Time
–––
4.5
–––
Ciss
Input Capacitance
–––
1360
–––
Coss
Output Capacitance
–––
630
–––
pF
Crss
Reverse Transfer Capacitance
–––
240
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
53
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
120
(Body Diode)
c
VSD
Diode Forward Voltage
–––
0.81
1.0
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
12
18
nC
MOSFET symbol
Clamped Inductive Load
VDS = 10V, ID = 12A
Conditions
ƒ = 1.0MHz
VDS = 10V, VGS = 0V
VDD = 16V, VGS = 4.5V
e
VDS = 10V
VDS = 16V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V
VGS = 4.5V, ID = 12A
e
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A
e
TJ = 25°C, IF = 12A
di/dt = 100A/µs
e
TJ = 25°C, IS = 12A, VGS = 0V
e
showing the
integral reverse
p-n junction diode.
ID = 12A
VGS = 0V
VDS = 10V
ID = 12A


유사한 부품 번호 - IRF6623TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6623TRPBF IRF-IRF6623TRPBF Datasheet
244Kb / 9P
   DirectFETPower MOSFET
IRF6623TRPBF IRF-IRF6623TRPBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
More results

유사한 설명 - IRF6623TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6617PBF IRF-IRF6617PBF_15 Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6618PBF IRF-IRF6618PBF_15 Datasheet
250Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6622PBF IRF-IRF6622PBF_15 Datasheet
251Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com