전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBW-5089-Z 데이터시트(PDF) 4 Page - RF Micro Devices

부품명 SBW-5089-Z
상세설명  DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBW-5089-Z 데이터시트(HTML) 4 Page - RF Micro Devices

  SBW-5089-Z Datasheet HTML 1Page - RF Micro Devices SBW-5089-Z Datasheet HTML 2Page - RF Micro Devices SBW-5089-Z Datasheet HTML 3Page - RF Micro Devices SBW-5089-Z Datasheet HTML 4Page - RF Micro Devices SBW-5089-Z Datasheet HTML 5Page - RF Micro Devices SBW-5089-Z Datasheet HTML 6Page - RF Micro Devices SBW-5089-Z Datasheet HTML 7Page - RF Micro Devices SBW-5089-Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
DS091130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBW-5089(Z)
Typical RF Performance With Tuned Application Circuit (Bias: ID=80mA Typ.)
S21 vs. Frequency
0
5
10
15
20
25
01
2345
67
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
S11 vs. Frequency
-40
-30
-20
-10
0
01
23
4
5
6
7
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
S12 vs. Frequency
-30
-25
-20
-15
-10
0123
456
7
8
9
10
Frequency (GHz)
-40°C
+25°C
+85°C
S22 vs. Frequency
-40
-30
-20
-10
0
0123
456
7
8
9
10
Frequency (GHz)
-40°C
+25°C
+85°C


유사한 부품 번호 - SBW-5089-Z

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBW-5089 SIRENZA-SBW-5089 Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089 RFMD-SBW-5089 Datasheet
657Kb / 7P
   MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBW-5089Z SIRENZA-SBW-5089Z Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089Z RFMD-SBW-5089Z Datasheet
657Kb / 7P
   MMIC AMPLIFIER
More results

유사한 설명 - SBW-5089-Z

제조업체부품명데이터시트상세설명
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5089Z RFMD-SBA5089Z Datasheet
493Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA4089Z RFMD-SBA4089Z Datasheet
496Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBF-4089 SIRENZA-SBF-4089 Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com