전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6712SPBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF6712SPBF
상세설명  RoHS Compliant and Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6712SPBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF6712SPBF_15 Datasheet HTML 1Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 2Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 3Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 4Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 5Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 6Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 7Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 8Page - International Rectifier IRF6712SPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com © 2013 International Rectifier
June 11, 2013
5
IRF6712SPbF
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VSD, Source-to-Drain Voltage (V)
0
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
ID = 50μA
ID = 100μA
ID = 250μA
ID = 1.0mA
ID = 1.0A
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
ID
TOP
3.8A
5.4A
BOTTOM 13A
0.10
1.00
10.00
100.00
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
TJ = 150°C
Single Pulse
100μsec
1msec
10msec
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70


유사한 부품 번호 - IRF6712SPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_08 Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6712SPBF IRF-IRF6712SPBF_09 Datasheet
288Kb / 9P
   DirectFET Power MOSFET
More results

유사한 설명 - IRF6712SPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com