전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6724MPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF6724MPBF
상세설명  RoHs Compliant and Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6724MPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF6724MPBF Datasheet HTML 1Page - International Rectifier IRF6724MPBF Datasheet HTML 2Page - International Rectifier IRF6724MPBF Datasheet HTML 3Page - International Rectifier IRF6724MPBF Datasheet HTML 4Page - International Rectifier IRF6724MPBF Datasheet HTML 5Page - International Rectifier IRF6724MPBF Datasheet HTML 6Page - International Rectifier IRF6724MPBF Datasheet HTML 7Page - International Rectifier IRF6724MPBF Datasheet HTML 8Page - International Rectifier IRF6724MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6724MPbF
2
www.irf.com
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
22
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.90
2.50
m
–––
2.70
3.50
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
130
–––
–––
S
Qg
Total Gate Charge
–––
33
54
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.9
–––
nC
Qgd
Gate-to-Drain Charge
–––
10
–––
Qgodr
Gate Charge Overdrive
–––
11
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
14
–––
Qoss
Output Charge
–––
20
–––
nC
RG
Gate Resistance
–––
1.2
2.2
td(on)
Turn-On Delay Time
–––
11
–––
tr
Rise Time
–––
19
–––
td(off)
Turn-Off Delay Time
–––
23
–––
ns
tf
Fall Time
–––
16
–––
Ciss
Input Capacitance
–––
4404
–––
Coss
Output Capacitance
–––
885
–––
pF
Crss
Reverse Transfer Capacitance
–––
424
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
150
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
212
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
34
51
nC
di/dt = 300A/µs i
TJ = 25°C, IS = 21A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 21A i
VDS = VGS, ID = 100µA
TJ = 25°C, IF =21A
VGS = 4.5V
ID = 21A
VGS = 0V
VDS = 15V
ID = 21A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 27A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG= 1.8Ω
VDS = 15V, ID =21A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


유사한 부품 번호 - IRF6724MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6724MPBF IRF-IRF6724MPBF Datasheet
270Kb / 9P
   Power MOSFET
More results

유사한 설명 - IRF6724MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com