전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4921G 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 2N4921G
상세설명  Medium-Power Plastic NPN Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4921G 데이터시트(HTML) 5 Page - ON Semiconductor

  2N4921G_13 Datasheet HTML 1Page - ON Semiconductor 2N4921G_13 Datasheet HTML 2Page - ON Semiconductor 2N4921G_13 Datasheet HTML 3Page - ON Semiconductor 2N4921G_13 Datasheet HTML 4Page - ON Semiconductor 2N4921G_13 Datasheet HTML 5Page - ON Semiconductor 2N4921G_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N4921G, 2N4922G, 2N4923G
http://onsemi.com
5
1000
2.0
Figure 8. Current Gain
IC, COLLECTOR CURRENT (mA)
10
3.0 5.0
10
20 30
200 300 500
2000
500
200
100
70
Figure 9. Collector Saturation Region
1.0
0.2
IB, BASE CURRENT (mA)
0
0.3
0.5
1.0
2.0
5.0
10
20
50
200
0.8
0.6
0.4
0.2
IC = 0.1 A
TJ = 25°C
0.25 A
0.5 A
1.0 A
700
300
TJ = 150°C
25
°C
-55
°C
VCE = 1.0 V
50
30
20
50
100
1000
3.0
30
100
108
0
Figure 10. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
30
60
90
120
150
107
105
104
103
VCE = 30 V
IC = 10 x ICES
IC = 2 x ICES
IC ≈ ICES
ICES VALUES
OBTAINED FROM
FIGURE 12
106
1.5
2.0
IC, COLLECTOR CURRENT (mA)
5.0
10
20 30
50
100 200 300
2000
1.2
0.9
0.6
0.3
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 11. “On” Voltage
3.0
500
1000
VBE @ VCE = 2.0 V
104
-0.2
Figure 12. Collector Cut−Off Region
VBE, BASE-EMITTER VOLTAGE (VOLTS)
103
102
10-1
-0.1
0
+0.1
+0.2
+0.3
+0.4
+0.5
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
+2.5
2.0
Figure 13. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
3.0 5.0
10
20 30
50
100 200
2000
-55
°C to +100°C
+2.0
+1.5
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
qVB FOR VBE
TJ = 100°C to 150°C
*APPLIES FOR IC/IB
hFE @VCE + 1.0 V
2
+1.0
300 500
1000
101
100
10- 2
*
qVC FOR VCE(sat)


유사한 부품 번호 - 2N4921G_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_17 Datasheet
198Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
More results

유사한 설명 - 2N4921G_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_17 Datasheet
198Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
BD135G ONSEMI-BD135G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_13 Datasheet
194Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4921 NJSEMI-2N4921 Datasheet
151Kb / 1P
   MEDIUM-POWER PLASTIC NPN SILICON TRANSISTORS
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
   Plastic NPN Silicon Medium-Power Transistors
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_11 Datasheet
249Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
BD435G ONSEMI-BD435G Datasheet
84Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
167Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com