전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAB33 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 SMAB33
상세설명  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAB33 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  SMAB33_15 Datasheet HTML 1Page - KEC(Korea Electronics) SMAB33_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 7. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMAB33
SCHOTTKY BARRIER TYPE DIODE
Revision No : 4
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
・Low Profile Surface Mount Package.
・Low Power Loss, High Efficiency.
・For Use in Low Voltage, High Frequency inverters, Free
Wheeling, and Polarity Protection Applications.
APPLICATION
・Switching Power Supply.
・DC/DC Converter.
・Home Appliances, Office Equipment.
・Telecommunication.
MAXIMUM RATING (Ta=25
℃)
SMA
DIM
MILLIMETERS
A
B
C
D
E
F
G
4.5 0.2
2.6 0.2
1.5 0.2
5.0 0.3
1.2 0.3
2.0 0.2
0 ~ 0.15
H
R 0.5
B
C
H
1
2
G
+
_
+
_
+
_
+
_
+
_
+
_
1. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
B 3 3
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=3.0A
-
-
0.45
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
2.0
mA
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
23
℃/W
Rth(j-a)
Junction to ambient
(on alumina substrate)
-
-
108
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
V
Average Output Rectitifed Current
IO
3
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
70
A
Junction Temperature
Tj
-55
~125
Storage Temperature Range
Tstg
-55
~150


유사한 부품 번호 - SMAB33_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
SMAB33L KEC-SMAB33L Datasheet
387Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB33L KEC-SMAB33L_15 Datasheet
348Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB33U KEC-SMAB33U Datasheet
47Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB33U KEC-SMAB33U_15 Datasheet
347Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

유사한 설명 - SMAB33_15

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com