전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7331PBF-1 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7331PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7331PBF-1 데이터시트(HTML) 2 Page - International Rectifier

  IRF7331PBF-1 Datasheet HTML 1Page - International Rectifier IRF7331PBF-1 Datasheet HTML 2Page - International Rectifier IRF7331PBF-1 Datasheet HTML 3Page - International Rectifier IRF7331PBF-1 Datasheet HTML 4Page - International Rectifier IRF7331PBF-1 Datasheet HTML 5Page - International Rectifier IRF7331PBF-1 Datasheet HTML 6Page - International Rectifier IRF7331PBF-1 Datasheet HTML 7Page - International Rectifier IRF7331PBF-1 Datasheet HTML 8Page - International Rectifier IRF7331PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7331TRPbF-1
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.2
V
TJ = 25°C, IS = 2.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
31
47
ns
TJ = 25°C, IF = 2.0A
Qrr
Reverse Recovery Charge
–––
15
23
nC
di/dt = 100A/μs
‚
Source-Drain Ratings and Characteristics
A
28
–––
–––
–––
2.0
–––
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.013 –––
V/°C Reference to 25°C, ID = 1mA
––– –––
30
VGS = 4.5V, ID = 7.0A
‚
––– –––
45
VGS = 2.5V, ID = 5.6A
‚
VGS(th)
Gate Threshold Voltage
0.6
–––
1.2
V
VDS = VGS, ID = 250μA
gfs
Forward Transconductance
14
–––
–––
S
VDS = 10V, ID = 7.0A
––– –––
1.0
VDS = 16V, VGS = 0V
––– –––
25
VDS = 16V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
––– –––
100
VGS = 12V
Gate-to-Source Reverse Leakage
––– ––– -100
VGS = -12V
Qg
Total Gate Charge
–––
13
20
ID = 7.0A
Qgs
Gate-to-Source Charge
–––
3.7
–––
nC
VDS = 10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.1
–––
VGS = 4.5V
td(on)
Turn-On Delay Time
–––
7.6
–––
VDD = 10V
‚
tr
Rise Time
–––
22
–––
ID = 1.0A
td(off)
Turn-Off Delay Time
––– 110
–––
RG = 53
Ω
tf
Fall Time
–––
50
–––
VGS = 4.5V
Ciss
Input Capacitance
––– 1340 –––
VGS = 0V
Coss
Output Capacitance
––– 170
–––
pF
VDS = 16V
Crss
Reverse Transfer Capacitance
––– 120
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
S
D
G


유사한 부품 번호 - IRF7331PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF Datasheet
129Kb / 9P
   HEXFET Power MOSFET
IRF7331PBF IRF-IRF7331PBF Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
IRF7331PBF IRF-IRF7331PBF Datasheet
220Kb / 9P
   Ultra Low On-Resistance
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
IRF7331PBF IRF-IRF7331PBF_15 Datasheet
220Kb / 9P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7331PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com